Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCT101HDMI-A-RTP-V2 Datasheet(PDF) 7 Page - Midas Components

Part # MCT101HDMI-A-RTP-V2
Description  TFT Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIDASDISPLAYS [Midas Components]
Direct Link  https://midasdisplays.com/
Logo MIDASDISPLAYS - Midas Components

MCT101HDMI-A-RTP-V2 Datasheet(HTML) 7 Page - Midas Components

Back Button MCT101HDMI-A-RTP-V2 Datasheet HTML 3Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 4Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 5Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 6Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 7Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 8Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 9Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 10Page - Midas Components MCT101HDMI-A-RTP-V2 Datasheet HTML 11Page - Midas Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
4. DVI
Pin No.
Symbol
I/O
Function
Remark
1
Rx2+
I
+LVDS Differential Data Input
2
GND
P Ground
3
Rx2-
I
-LVDS Differential Data Input
4
Rx1+
I
+LVDS Differential Data Input
5
GND
P Ground
6
Rx1-
I
-LVDS Differential Data Input
7
Rx0+
I
+LVDS Differential Data Input
8
GND
P Ground
9
Rx0-
I
-LVDS Differential Data Input
10
RxC+
I
+LVDS Differential Clock Input
11
GND
P Ground
12
RxC-
I
-LVDS Differential Clock Input
13-14
NC
- No connection
15
SCL
I/O DDC(Data Display Channel) Clock
16
SDA
I/O DDC(Data Display Channel) Data
17
GND
P Ground
18
5V
P Power Supply
19
Detect
I/O Hot plug detect
I: input, O: output, P: Power
5. POWER-JACK
Pin No.
Symbol
I/O
Function
Remark
1
5V
P Power Supply (5V)
2
GND
P Ground
3
NC
- No connection
Page 7 of 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com