Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet (PDF) - fujitsu semiconductor

MB91F613 Datasheet PDF - fujitsu semiconductor
Part # MB91F613
Download  MB91F613 Download
File Size   517.7 Kbytes
Page   104 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Microcontrollers

MB91F613 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB91F613 Datasheet PDF - fujitsu semiconductor

Part # MB91F613
Download  MB91F613 Click to download

File Size   517.7 Kbytes
Page   104 Pages
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor
Description 32-bit Microcontrollers

MB91F613 Datasheet (HTML) - fujitsu semiconductor


MB91F613 Product details

■ DESCRIPTION
The MB91610 series is a line of Fujitsu Microelectronics microcontrollers based on a 32-bit RISC CPU core that feature a variety of peripheral functions for embedded applications that demand high-performance and high-speed CPU processing.
This series is based on the FR80* family CPU and is implemented as a single chip.

■ FEATURES
• FR80 CPU
    • 32-bit RISC, load/store architecture, five-stage pipeline
    • General-purpose registers : 32-bit × 16
    • 16-bit fixed-length instructions (basic instructions) : 1 instruction per cycle
    • Instructions suitable for embedded applications
        - Memory-to-memory transfer, bit processing, barrel shift instructions, etc.
        - Instruction support for high level languages
            Function entry and exit instructions, instructions for register multi-load and multi-store
        - Bit search instruction
            “1” detection, “0” detection, transition point detection
        - Branch instructions with delay slots
            Reduced overhead when processing branches
        - Register interlock functions
            Facilitate coding in assembly language
        - Built-in multiplier/instruction-level support
            - Signed 32-bit multiplication : 5 cycles
            - Signed 16-bit multiplication : 3 cycles
        - Interrupts (save PC and PS) : 6 cycles, 16 priority levels
        - Harvard architecture allowing program access and data access to be executed simultaneously
        - Instruction prefetch function has been added with 4 word instruction queue of CPU
(Continue ...)




Similar Part No. - MB91F613

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
MB91F627PMC FUJITSU-MB91F627PMC Datasheet
565Kb / 96P
32-bit Microcontrollers
More results


Similar Description - MB91F613

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
AT91SC512384-128M ATMEL-AT91SC512384-128M Datasheet
146Kb / 3P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
32-bit Microcontrollers
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
32-Bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
32-bit microcontrollers
More results




About fujitsu semiconductor


Fujitsu Components Limited is a subsidiary of Fujitsu Limited, a Japanese multinational information technology company.
Fujitsu Components Limited is focused on the design, development, and manufacture of electronic components and devices.
The company offers a wide range of products including data storage devices, wireless communication modules, and other electronic components.
Fujitsu Components Limited has operations and facilities in various countries across Asia, Europe, and the Americas.
The company is known for its advanced technology, high-quality products, and innovative solutions in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com