Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 4Page - fujitsu semiconductor MB91F613 Datasheet HTML 5Page - fujitsu semiconductor MB91F613 Datasheet HTML 6Page - fujitsu semiconductor MB91F613 Datasheet HTML 7Page - fujitsu semiconductor MB91F613 Datasheet HTML 8Page - fujitsu semiconductor MB91F613 Datasheet HTML 9Page - fujitsu semiconductor MB91F613 Datasheet HTML 10Page - fujitsu semiconductor MB91F613 Datasheet HTML 11Page - fujitsu semiconductor MB91F613 Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 104 page
background image
MB91610 Series
8
DS07-16907-2E
■ PIN DESCRIPTION
The number after the underscore (“_”) in pin names such as XXX_1 and XXX_2 indicates the port number.
For these pins, there are multiple pins that provide the same function for the same channel. Use the extended port
function register (EPFR) to select the pin.
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
1VCC
⎯
3.3 V power supply
2
P30
C
General-purpose I/O port
SOUT10
Multifunction serial ch.10 output [operation modes 0 to 2]
(SDA10)
I2C ch.10 serial data line [operation mode 4]
INT8
External interrupt 8 input
3
P31
C
General-purpose I/O port
SIN10
Multifunction serial ch.10 input
INT9
External interrupt 9 input
4
P32
C
General-purpose I/O port
SCK10
Multifunction serial ch.10 clock [operation modes 0 to 2]
(SCL10)
I2C ch.10 serial clock line [operation mode 4]
INT10
External interrupt 10 input
5
P33
C
General-purpose I/O port
INT11
External interrupt 11 input
6
P34
C
General-purpose I/O port
SOUT11
Multifunction serial ch.11 output [operation modes 0 to 2]
(SDA11)
I2C ch.11 serial data line [operation mode 4]
INT12
External interrupt 12 input
7
P35
C
General-purpose I/O port
SIN11
Multifunction serial ch.11 input
INT13
External interrupt 13 input
8
P36
C
General-purpose I/O port
SCK11
Multifunction serial ch.11 clock [operation modes 0 to 2]
(SCL11)
I2C ch.11 serial clock line [operation mode 4]
INT14
External interrupt 14 input
9
P37
C
General-purpose I/O port
INT15
External interrupt 15 input
10
P50
B
General-purpose I/O port
11
P51
B
General-purpose I/O port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com