Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 10 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 6Page - fujitsu semiconductor MB91F613 Datasheet HTML 7Page - fujitsu semiconductor MB91F613 Datasheet HTML 8Page - fujitsu semiconductor MB91F613 Datasheet HTML 9Page - fujitsu semiconductor MB91F613 Datasheet HTML 10Page - fujitsu semiconductor MB91F613 Datasheet HTML 11Page - fujitsu semiconductor MB91F613 Datasheet HTML 12Page - fujitsu semiconductor MB91F613 Datasheet HTML 13Page - fujitsu semiconductor MB91F613 Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 104 page
background image
MB91610 Series
10
DS07-16907-2E
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
40
VOB
H
OSD display period output
41
DCKO
H
Dot clock output
42
DCKI
F
Dot clock input
43
VSYNC
F
Vertical synchronous input
44
HSYNC
F
Horizontal synchronous input
45
VSSP
⎯
Dot clock PLL ground
46
VDDP
⎯
Dot clock PLL power supply
47
VCI
⎯
VCO control voltage input
48
CPO
M
Charge pump output
49
VSSD
⎯
RGB analog output GND
50
VDDD
⎯
RGB analog output power supply
51
VREF
M
RGB analog output reference power supply
52
VRO
M
RGB analog output resistance connected pin
53
ROUT
M
R output (analog)
54
GOUT
M
G output (analog)
55
BOUT
M
B output (analog)
56
VCC
⎯
3.3 V power supply
57
UDP
USB
USB pin
58
UDM
USB
USB pin
59
VSS
⎯
GND
60
C
⎯
C pin for a regulator
61
VSS
⎯
GND
62
VCC
⎯
3.3 V power supply
63
HWDE
F
Hardware watchdog enable input
64
PK1
G
General-purpose I/O port
X0A
32kHz oscillation pin
65
PK0
G
General-purpose I/O port
X1A
32 kHz oscillation pin
66
VSS
⎯
GND
67
X1
A
Main oscillation pin
68
X0
A
Main oscillation pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com