Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 53 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 53 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 49Page - fujitsu semiconductor MB91F613 Datasheet HTML 50Page - fujitsu semiconductor MB91F613 Datasheet HTML 51Page - fujitsu semiconductor MB91F613 Datasheet HTML 52Page - fujitsu semiconductor MB91F613 Datasheet HTML 53Page - fujitsu semiconductor MB91F613 Datasheet HTML 54Page - fujitsu semiconductor MB91F613 Datasheet HTML 55Page - fujitsu semiconductor MB91F613 Datasheet HTML 56Page - fujitsu semiconductor MB91F613 Datasheet HTML 57Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 104 page
background image
MB91610 Series
DS07-16907-2E
53
■ VECTOR TABLE
(Continued)
Interrupt source (Peripheral resource)
Interrupt
number
Interrupt
level setting
register
Offset
Address of
TBR default
Deci-
mal
Hexa-
deci-
mal
Reset
0
00
⎯
3FCH
000F FFFCH
System reserved
1
01
⎯
3F8H
000F FFF8H
System reserved
2
02
⎯
3F4H
000F FFF4H
System reserved
3
03
⎯
3F0H
000F FFF0H
System reserved
4
04
⎯
3ECH
000F FFECH
System reserved
5
05
⎯
3E8H
000F FFE8H
System reserved
6
06
⎯
3E4H
000F FFE4H
System reserved
7
07
⎯
3E0H
000F FFE0H
System reserved
8
08
⎯
3DCH
000F FFDCH
INTE instruction
9
09
⎯
3D8H
000F FFD8H
Instruction break exception
10
0A
⎯
3D4H
000F FFD4H
Operand break
11
0B
⎯
3D0H
000F FFD0H
Step trace trap
12
0C
⎯
3CCH
000F FFCCH
System reserved
13
0D
⎯
3C8H
000F FFC8H
Undefined instruction exception
14
0E
⎯
3C4H
000F FFC4H
⎯
15
0F
15 (FH) fixed
3C0H
000F FFC0H
External interrupt request ch.0 to ch.7
16
10
ICR00
3BCH
000F FFBCH
External interrupt request ch.8 to ch.15
17
11
ICR01
3B8H
000F FFB8H
Reserved
18
12
ICR02
3B4H
000F FFB4H
Reserved
19
13
ICR03
3B0H
000F FFB0H
16-bit reload timer ch.0 to ch.2
20
14
ICR04
3ACH
000F FFACH
Reception interrupt request of UART/CSIO
ch.0
21
15
ICR05
3A8H
000F FFA8H
Transmission interrupt request of UART/CSIO
ch.0
Transmission bus idle interrupt request of
UART/CSIO ch.0
22
16
ICR06
3A4H
000F FFA4H
Reception interrupt request of UART/CSIO/
I2C ch.1
23
17
ICR07
3A0H
000F FFA0H
Transmission interrupt request of UART/
CSIO/ I2C ch.1
Transmission bus idle interrupt request of
UART/CSIO ch.1
24
18
ICR08
39CH
000F FF9CH
Status interrupt request of I2C ch.1
25
19
ICR09
398H
000F FF98H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com