Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB91F613 Datasheet HTML 1Page - fujitsu semiconductor MB91F613 Datasheet HTML 2Page - fujitsu semiconductor MB91F613 Datasheet HTML 3Page - fujitsu semiconductor MB91F613 Datasheet HTML 4Page - fujitsu semiconductor MB91F613 Datasheet HTML 5Page - fujitsu semiconductor MB91F613 Datasheet HTML 6Page - fujitsu semiconductor MB91F613 Datasheet HTML 7Page - fujitsu semiconductor MB91F613 Datasheet HTML 8Page - fujitsu semiconductor MB91F613 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 104 page
background image
MB91610 Series
2
DS07-16907-2E
- Built-in multiplier/instruction-level support
- Signed 32-bit multiplication
: 5 cycles
- Signed 16-bit multiplication
: 3 cycles
- Interrupts (save PC and PS) : 6 cycles, 16 priority levels
- Harvard architecture allowing program access and data access to be executed simultaneously
- Instruction prefetch function has been added with 4 word instruction queue of CPU
• Instruction compatible with FR family CPU
- Additional bit search instructions
- No resource instructions and coprocessor instructions
• Maximum operating frequency
• CPU : 33 MHz
• Resources : 33 MHz
• DMA controller (DMAC)
• 8 channels
• Address space : 32 bits (4 Gbytes)
• Transfer modes : Block transfer/burst transfer/demand transfer
• Address update : Increment/decrement/fixed (increment/decrement step size of 1, 2, or 4)
• Transfer data length : Selectable from 8-bit, 16-bit, 32-bit
• Block size : 1 to 16
• Number of transfers : 1 to 65535
• Transfer requests
- Requests from software
- Interrupt requests from peripheral resources (interrupt requests are shared, including external interrupts)
• Reload functions : Reload can be specified on all channels
• Priority order : Fixed (ch.0 > ch.1 > ch.2 > ch.3 > ...) or round-robin
• Interrupt requests : Interrupts can be generated for transfer complete, transfer error, and transfer interrupted.
• Multifunction serial interface
• 4 channels with 16-byte FIFO, 4 channels without FIFO
• Operation mode is selectable from UART/CSIO/I2C for each channel (For ch.0, I2C is not available.)
• UART
- Full-duplex double buffer
- Selectable parity on/off
- Built-in dedicated baud rate generator
- External clock can be used as a serial clock
- Error detection function for parity, frame and overrun errors
• CSIO
- Full-duplex double buffer
- Built-in dedicated baud rate generator
- Overrun error detection function
• I2C
- Supports both standard mode (Max 100 kbps) and Fast mode (Max 400 kbps)
- Some channels are 5 V tolerant
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com