Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 1 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 1 Page - fujitsu semiconductor

  MB91F613 Datasheet HTML 1Page - fujitsu semiconductor MB91F613 Datasheet HTML 2Page - fujitsu semiconductor MB91F613 Datasheet HTML 3Page - fujitsu semiconductor MB91F613 Datasheet HTML 4Page - fujitsu semiconductor MB91F613 Datasheet HTML 5Page - fujitsu semiconductor MB91F613 Datasheet HTML 6Page - fujitsu semiconductor MB91F613 Datasheet HTML 7Page - fujitsu semiconductor MB91F613 Datasheet HTML 8Page - fujitsu semiconductor MB91F613 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 104 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2008-2009 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2009.8
For the information for microcontroller supports, see the following web site.
This web site includes the "Customer Design Review Supplement" which provides the latest cautions on
system development and the minimal requirements to be checked to prevent problems before the system
development.
http://edevice.fujitsu.com/micom/en-support/
32-bit Microcontrollers
CMOS
FR80 MB91610 Series
MB91F610A/613
■ DESCRIPTION
The MB91610 series is a line of Fujitsu Microelectronics microcontrollers based on a 32-bit RISC CPU core that
feature a variety of peripheral functions for embedded applications that demand high-performance and high-speed
CPU processing.
This series is based on the FR80* family CPU and is implemented as a single chip.
* : FR, the abbreviation of FUJITSU RISC controller, is a line of products of Fujitsu Microelectronics Limited.
■ FEATURES
• FR80 CPU
• 32-bit RISC, load/store architecture, five-stage pipeline
• General-purpose registers : 32-bit
× 16
• 16-bit fixed-length instructions (basic instructions) : 1 instruction per cycle
• Instructions suitable for embedded applications
- Memory-to-memory transfer, bit processing, barrel shift instructions, etc.
- Instruction support for high level languages
Function entry and exit instructions, instructions for register multi-load and multi-store
- Bit search instruction
“1” detection, “0” detection, transition point detection
- Branch instructions with delay slots
Reduced overhead when processing branches
- Register interlock functions
Facilitate coding in assembly language
(Continued)
DS07-16907-2E


Similar Part No. - MB91F613

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
MB91F627PMC FUJITSU-MB91F627PMC Datasheet
565Kb / 96P
32-bit Microcontrollers
More results

Similar Description - MB91F613

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
32-bit Microcontrollers
AT91SC512384-128M ATMEL-AT91SC512384-128M Datasheet
146Kb / 3P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
32-bit Proprietary Microcontrollers
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
32-bit Microcontrollers
logo
ATMEL Corporation
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
32-bit Secure Microcontrollers
logo
fujitsu semiconductor
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
32-bit Microcontrollers
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
32-bit Microcontrollers
logo
Toshiba Semiconductor
TMPM330FWFG TOSHIBA-TMPM330FWFG Datasheet
1Mb / 24P
32-Bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
32-bit microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com