Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB91F613 Datasheet HTML 1Page - fujitsu semiconductor MB91F613 Datasheet HTML 2Page - fujitsu semiconductor MB91F613 Datasheet HTML 3Page - fujitsu semiconductor MB91F613 Datasheet HTML 4Page - fujitsu semiconductor MB91F613 Datasheet HTML 5Page - fujitsu semiconductor MB91F613 Datasheet HTML 6Page - fujitsu semiconductor MB91F613 Datasheet HTML 7Page - fujitsu semiconductor MB91F613 Datasheet HTML 8Page - fujitsu semiconductor MB91F613 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
MB91610 Series
4
DS07-16907-2E
• USB function / HOST
• 1 channel
• Supports Full-Speed only
• The USB function and USB HOST are the switch types (USB I/O multiplexed)
• Support of DMA transfer
• USB Function
- Support of up to six endpoints
- Endpoint 0 is provided for the fixed use of control transfers
- Bulk or interrupt transfer can be selected for endpoint 1 to 5
- Double buffer structure for endpoint 1 to 5
• USB HOST
- Support control transfer, bulk transfer, interrupt transfer, and isochronous transfer
- Automatic detection of connection/disconnection of USB devices
- Automatic processing of a handshake packet for IN/OUT token processing
- Support of a maximum packet length of up to 256 bytes
- Support for a wakeup function
• HDMI-CEC/Remote Control Reception
• 1 channel
• HDMI-CEC reception function (with automatic ACK response function)
• Remote control reception function (built-in 4-byte receive buffer)
• OSDC function
• 16 bits RGB (256 colors available among 65536 colors)
• Analog RGB output : Max 50 MHz
Digital RGB output : Max 75 MHz
• A font in 32 × 32 dots can be displayed up to 60 × 32
• Two-layered display of MAIN/SUB
• 16384 characters at the maximum
• Equipped with one PLL for dot clock generation
• Main timer
• 1 channel
• Counts the oscillation stabilization wait time of the main clock (MCLK)
• Counts the oscillation stabilization wait time of the PLL clock (PLLCLK)
• Can be used as an interval timer while the main clock (MCLK) oscillations is stable
• Sub timer
• 1 channel
• Counts the oscillation stabilization wait time of the sub clock (SBCLK)
• Can be used as an interval timer while the sub clock (SBCLK) oscillations is stable
• Clock generation
• Main clock (MCLK) oscillator
• Sub clock (SBCLK) oscillator
• PLL clock (PLLCLK) oscillator
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com