Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 92 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 92 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 88Page - fujitsu semiconductor MB91F613 Datasheet HTML 89Page - fujitsu semiconductor MB91F613 Datasheet HTML 90Page - fujitsu semiconductor MB91F613 Datasheet HTML 91Page - fujitsu semiconductor MB91F613 Datasheet HTML 92Page - fujitsu semiconductor MB91F613 Datasheet HTML 93Page - fujitsu semiconductor MB91F613 Datasheet HTML 94Page - fujitsu semiconductor MB91F613 Datasheet HTML 95Page - fujitsu semiconductor MB91F613 Datasheet HTML 96Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 104 page
background image
MB91610 Series
92
DS07-16907-2E
(Continued)
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS
AVRH
1.5 LSB'
0.5 LSB'
{1 LSB' (N
− 1) + 0.5 LSB'}
VNT
Total error
Actual conversion
characteristics
Actual conversion
characteristics
(Actually-measured value)
Ideal
characteristics
Analog input
N
: A/D converter digital output value.
VNT : Voltage at which the digital output changes from (N
+ 1)H to NH.
VOT’ (Ideal value)
= AVSS + 0.5 LSB [V]
VFST’ (Ideal value)
= AVRH − 1.5 LSB [V]
1 LSB' (Ideal value)
=
AVRH
− AVSS
[V]
1024
Total error of digital output N
=
VNT
− {1 LSB' × (N − 1) + 0.5 LSB'}
1 LSB'



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com