Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 86 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 86 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 82Page - fujitsu semiconductor MB91F613 Datasheet HTML 83Page - fujitsu semiconductor MB91F613 Datasheet HTML 84Page - fujitsu semiconductor MB91F613 Datasheet HTML 85Page - fujitsu semiconductor MB91F613 Datasheet HTML 86Page - fujitsu semiconductor MB91F613 Datasheet HTML 87Page - fujitsu semiconductor MB91F613 Datasheet HTML 88Page - fujitsu semiconductor MB91F613 Datasheet HTML 89Page - fujitsu semiconductor MB91F613 Datasheet HTML 90Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 104 page
background image
MB91610 Series
86
DS07-16907-2E
(12) Digital RGB
Vertical synchronous/ horizontal synchronous/ display output control signal input timing
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
* : H stands for the horizontal synchronous signal. 1 synchronous is 1 unit.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
Horizontal synchronous signal
cycle time
tHCYC
HSYNC
100
+ tWH
⎯
Dot clock
Horizontal synchronous signal
pulse width
tWH
HSYNC
20
⎯
Dot clock
⎯
6
μs
Horizontal synchronous signal
setup time
tDHST
HSYNC
4
⎯
ns
Horizontal synchronous signal
hold time
tDHHD
0
⎯
ns
Vertical synchronous signal
setup time
tHVST
VSYNC
5
⎯
Dot clock
Vertical synchronous signal hold
time
tHVHD
1H
− 5
⎯
Dot clock
*
Input synchronous signal rising/
falling time
tDR
tDF
HSYNC,
VSYNC
⎯
2ns
tDHST
0.8 VCC
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
0.2 VCC
tDR, tDF
tDHHD
HSYNC
DCKI
• Horizontal synchronous signal and display output control signal input timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com