Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 90 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 90 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 86Page - fujitsu semiconductor MB91F613 Datasheet HTML 87Page - fujitsu semiconductor MB91F613 Datasheet HTML 88Page - fujitsu semiconductor MB91F613 Datasheet HTML 89Page - fujitsu semiconductor MB91F613 Datasheet HTML 90Page - fujitsu semiconductor MB91F613 Datasheet HTML 91Page - fujitsu semiconductor MB91F613 Datasheet HTML 92Page - fujitsu semiconductor MB91F613 Datasheet HTML 93Page - fujitsu semiconductor MB91F613 Datasheet HTML 94Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 104 page
background image
MB91610 Series
90
DS07-16907-2E
(Continued)
*2 : The current when the CPU is in stop mode and the A/D converter is not operating.
*3 : Compare time = {(CT
+ 1) × 10 + 4} × peripheral clock (PCLK) period. (CT indicates compare time setting bits.)
The condition of the minimum compare time is when CT
= 1 and PCLK = 33 MHz.
The output impedance of the external circuit connected to the analog input affects the sampling time of the A/D
converter. Design the output impedance of the output circuit such that the required sampling time is less than the
value of TS calculated from the following equation.
(Equation 1) Ts
= (Rin + Rext) × Cin × 8
Ts
: Sampling time
Rin
: Input resistance of A/D
= 5.3 kΩ
Cin
: Input capacitance of A/D
= 8.5 pF
Rext
: Output impedance of external circuit
If the sampling time is set as 600 ns,
600 ns
≥ (5.3 kΩ + Rext) × 8.5 pF × 8
∴Rext ≤ 3.5 kΩ
And the impedance of the external circuit therefore needs to be 3.5 k
Ω or less.
Rin
Cin
Rext
Analog
signal source
Comparator
Rin
Cin
Approx. 5.3 k
Ω
Approx. 8.5 pF
AN0 to AN7
Analog input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com