Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 23Page - fujitsu semiconductor MB91F613 Datasheet HTML 24Page - fujitsu semiconductor MB91F613 Datasheet HTML 25Page - fujitsu semiconductor MB91F613 Datasheet HTML 26Page - fujitsu semiconductor MB91F613 Datasheet HTML 27Page - fujitsu semiconductor MB91F613 Datasheet HTML 28Page - fujitsu semiconductor MB91F613 Datasheet HTML 29Page - fujitsu semiconductor MB91F613 Datasheet HTML 30Page - fujitsu semiconductor MB91F613 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 104 page
background image
MB91610 Series
DS07-16907-2E
27
■ HANDLING DEVICES
• Power supply pins
In products with multiple VCC and VSS pins, respective pins at the same potential are interconnected within the
device in order to prevent malfunctions such as latch-up. However, all of these pins should be connected externally
to the power supply or ground lines in order to reduce electromagnetic emission levels, to prevent abnormal
operation of strobe signals caused by the rise in the ground level, and to conform to the total output current rating.
Moreover, connect the current supply source with the VCC and VSS pins of this device at low impedance.
It is also advisable that a ceramic capacitor of approximately 0.1
μF be connected as a bypass capacitor between
VCC and VSS near this device.
• Crystal oscillator circuit
Noise near the X0 and X1 pins may cause the device to malfunction. Design the printed circuit board so that X0,
X1, the crystal oscillator (or ceramic oscillator), and the bypass capacitor to ground are located as close to the
device as possible.
It is strongly recommended that the PC board artwork be designed such that the X0 and X1 pins are surrounded
by ground plane as this is expected to produce stable operation.
• OSDC output pin
The OSDC output pins (R0 to R4, G0 to G5, B0 to B4, VOA0 to VOA2, VOB, DCKO) are high-speed corresponded
output pin.
Adjust the signal waveform such as by inserting damping resistor on the board as needed.
• Using an external clock
When using an external clock, the clock signal should be input to the X0 pin only and the X1 pin should be kept
open.
• C Pin
As MB91610 series includes an internal regulator, always connect a bypass capacitor of approximately 4.7
μF
to the C pin for use by the regulator.
• Example of Using an External Clock
X0
X1
Open
MB91610
series
C
4.7 µF
GND
VSS
MB91610
series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com