Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 75 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 75 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 71Page - fujitsu semiconductor MB91F613 Datasheet HTML 72Page - fujitsu semiconductor MB91F613 Datasheet HTML 73Page - fujitsu semiconductor MB91F613 Datasheet HTML 74Page - fujitsu semiconductor MB91F613 Datasheet HTML 75Page - fujitsu semiconductor MB91F613 Datasheet HTML 76Page - fujitsu semiconductor MB91F613 Datasheet HTML 77Page - fujitsu semiconductor MB91F613 Datasheet HTML 78Page - fujitsu semiconductor MB91F613 Datasheet HTML 79Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 104 page
background image
MB91610 Series
DS07-16907-2E
75
(3) Conditions of PLL
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
(4) Regulator Voltage Stabilization Wait Time
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
Note : This is the time from when the external power supply stabilizes (after reaching 3.0 V).
(5) Reset Input Standards
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
* : After the supply voltage has stabilized, it takes a further 50
μs until the internal supply stabilizes. Hold the input
to the INIT pin during that period.
• At power-on
• When in stop mode
• When in sub mode and sub watch mode when the main oscillation is stopped.
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization wait time
(LOCK UP time)
tLOCK
600
⎯⎯
μs
Time from when the PLL
starts operating until the
oscillation stabilizes
PLL oscillation stabilization wait time
for OSDC (LOCK UP time)
tL
10
⎯⎯
ms
PLL input clock frequency
fPLLI
4
⎯
24
MHz
PLL multiple rate
⎯
4
⎯
24
multiplied
by
ODS
× PMS
PLL macro oscillation clock frequency
fPLLO
96
⎯
100
MHz
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Regulator voltage
stabilization wait time
tREG
50
⎯μs
Time taken for the regulator
voltage to stabilize
Parameter
Symbol
Pin
name
Condi-
tions
Value
Unit
Remarks
Min
Max
Reset input time
(At power-on, main oscillation
stop mode)
tINITX
INIT
⎯
Oscillation time of
oscillator
+ 10 tCYLH
⎯
ns
*
Reset input time (At other times)
10 tCYLH
⎯
ns
Reset input rise time and fall time
tINITXF
tINITXR
⎯
10
ms
INIT
tINITX
VILS
VILS
tINITXR
tINITXF
VIHS
VIHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com