Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 28Page - fujitsu semiconductor MB91F613 Datasheet HTML 29Page - fujitsu semiconductor MB91F613 Datasheet HTML 30Page - fujitsu semiconductor MB91F613 Datasheet HTML 31Page - fujitsu semiconductor MB91F613 Datasheet HTML 32Page - fujitsu semiconductor MB91F613 Datasheet HTML 33Page - fujitsu semiconductor MB91F613 Datasheet HTML 34Page - fujitsu semiconductor MB91F613 Datasheet HTML 35Page - fujitsu semiconductor MB91F613 Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
MB91610 Series
32
DS07-16907-2E
■ I/O MAP
[How to read the table]
Notes :
• When performing a data access, the addresses should be as below.
- Word access : Address should be multiples of 4 (least significant 2 bits should be “00B”)
- Half word access : Address should be multiples of 2 (least significant bit should be “0B”)
- Byte access :
⎯
• Do not access the reserved areas.
Address
Register
Block
+ 0
+ 1
+ 2
+ 3
0000 0000H
PDR0 [R/W] B, H
XXXXXXXX
PDR1 [R/W] B, H
XXXXXXXX
PDR2 [R/W] B, H
XXXXXXXXXXX
PDR3 [R/W] B, H
XXXXXXXX
Port data
register
0000 003CH
WDTCR0 [R/W]
B, H
-0--0000
WDTCPR0 [R/W]
B, H
00000000
⎯
Watchdog
timer
0000 0040H
EIRR0 [R/W] B, H,
W
000 0000
ENIR0 [R/W]
B, H, W
00000000
ELVR0 [R/W] B, H, W
00000000 00000000
External
interrupt
0 to 7
Access unit
(
B : byte, H : half word, W : word)
Read/write attribute
“R”
: Indicates that there is a read only bit.
“R/W” : Indicates that there is a read/write bit.
“W”
: Indicates that there is a write only bit.
Register name (column 1 of the register is at address 4n, column 2 is
at address 4 n
+ 2...)
Leftmost register address (For word-length access, column 1 of the
register is the MSB of the data.)
Initial value after reset
“1” : Initial value“1”
“0” : Initial value“0”
“X” : Initial value undefined
“ - ” : Reserved bit or undefined bit
⎯ : Reserved area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com