Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 5Page - fujitsu semiconductor MB91F613 Datasheet HTML 6Page - fujitsu semiconductor MB91F613 Datasheet HTML 7Page - fujitsu semiconductor MB91F613 Datasheet HTML 8Page - fujitsu semiconductor MB91F613 Datasheet HTML 9Page - fujitsu semiconductor MB91F613 Datasheet HTML 10Page - fujitsu semiconductor MB91F613 Datasheet HTML 11Page - fujitsu semiconductor MB91F613 Datasheet HTML 12Page - fujitsu semiconductor MB91F613 Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 104 page
background image
MB91610 Series
DS07-16907-2E
9
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
12
P52
B
General-purpose I/O port
13
P53
B
General-purpose I/O port
14
P54
B
General-purpose I/O port
RCIN
Remote control I/O
15
P55
B
General-purpose I/O port
ADTRG
A/D converter external trigger input
16
P56
B
General-purpose I/O port
FRCK
Free-run timer clock input
17
P57
B
General-purpose I/O port
18
VSS
⎯
GND
19
R0
H
RGB digital output
20
R1
H
RGB digital output
21
R2
H
RGB digital output
22
R3
H
RGB digital output
23
R4
H
RGB digital output
24
G0
H
RGB digital output
25
G1
H
RGB digital output
26
G2
H
RGB digital output
27
G3
H
RGB digital output
28
G4
H
RGB digital output
29
G5
H
RGB digital output
30
VCC
⎯
3.3V power supply
31
VSS
⎯
GND
32
B0
H
RGB digital output
33
B1
H
RGB digital output
34
B2
H
RGB digital output
35
B3
H
RGB digital output
36
B4
H
RGB digital output
37
VOA0
H
Alpha blend output
38
VOA1
H
Alpha blend output
39
VOA2
H
Alpha blend output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com