Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 67 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 67 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 63Page - fujitsu semiconductor MB91F613 Datasheet HTML 64Page - fujitsu semiconductor MB91F613 Datasheet HTML 65Page - fujitsu semiconductor MB91F613 Datasheet HTML 66Page - fujitsu semiconductor MB91F613 Datasheet HTML 67Page - fujitsu semiconductor MB91F613 Datasheet HTML 68Page - fujitsu semiconductor MB91F613 Datasheet HTML 69Page - fujitsu semiconductor MB91F613 Datasheet HTML 70Page - fujitsu semiconductor MB91F613 Datasheet HTML 71Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 104 page
background image
MB91610 Series
DS07-16907-2E
67
3.
DC Characteristics
(1) DC Characteristics
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = − 40 °C to + 85 °C)
* : Ta
= + 25 °C and VCC = 3.3 V
(Continued)
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Power supply
current
(Flash product)
ICC
VCC
Normal
operation
⎯
45
60
mA
OSDC stopped
Not using USB
CPU : 33 MHz,
Peripheral : 33 MHz
⎯
55
75
mA
OSDC stopped Us-
ing USB
CPU : 32 MHz,
Peripheral : 32 MHz
ICCO
⎯
100
130
mA
Dot clock 50 MHz
(PLL)
Dot clock PLL is
used
Analog RGB DAC is
used
Digital RGB is not
used
CPU : 33 MHz,
Peripheral : 33 MHz
⎯
105
150
mA
Dot clock 75 MHz
(PLL)
Dot clock PLL is
used
Analog RGB DAC is
not used
Digital RGB is used
CPU : 33 MHz,
Peripheral:33 MHz
ICCS
SLEEP
mode
⎯
15
25
mA
OSDC stopped
Not using USB
Peripheral : 33 MHz
⎯
25
40
mA
OSDC stopped Us-
ing USB
Peripheral : 32 MHz
ICCL
Sub
operation*
⎯
150
550
μA
CPU : 32 kHz
Peripheral : 32 kHz
ICCT
Watch mode*
⎯
120
450
μA
ICCH
STOP mode*
⎯
65
320
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com