Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 54 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 54 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 50Page - fujitsu semiconductor MB91F613 Datasheet HTML 51Page - fujitsu semiconductor MB91F613 Datasheet HTML 52Page - fujitsu semiconductor MB91F613 Datasheet HTML 53Page - fujitsu semiconductor MB91F613 Datasheet HTML 54Page - fujitsu semiconductor MB91F613 Datasheet HTML 55Page - fujitsu semiconductor MB91F613 Datasheet HTML 56Page - fujitsu semiconductor MB91F613 Datasheet HTML 57Page - fujitsu semiconductor MB91F613 Datasheet HTML 58Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 104 page
background image
MB91610 Series
54
DS07-16907-2E
(Continued)
Interrupt source (Peripheral resource)
Interrupt
number
Interrupt
level setting
register
Offset
Address of
TBR default
Deci-
mal
Hexa-
deci-
mal
Reception interrupt request of UART/CSIO/I2C
ch.2
26
1A
ICR10
394H
000F FF94H
Transmission interrupt request of UART/CSIO/I2C
ch.2
Transmission bus idle interrupt request of UART/
CSIO ch.2
27
1B
ICR11
390H
000F FF90H
Status interrupt request of I2C ch.2
28
1C
ICR12
38CH
000F FF8CH
Reception interrupt request of UART/CSIO/I2C
ch.3
29
1D
ICR13
388H
000F FF88H
Transmission interrupt request of UART/CSIO/I2C
ch.3
Transmission bus idle interrupt request of UART/
CSIO ch.3
Status interrupt request of I2C ch.3
30
1E
ICR14
384H
000F FF84H
Reserved
31
1F
ICR15
380H
000F FF80H
Reserved
32
20
ICR16
37CH
000F FF7CH
Reserved
33
21
ICR17
378H
000F FF78H
Reserved
34
22
ICR18
374H
000F FF74H
Reserved
35
23
ICR19
370H
000F FF70H
Reserved
36
24
ICR20
36CH
000F FF6CH
Reserved
37
25
ICR21
368H
000F FF68H
Reserved
38
26
ICR22
364H
000F FF64H
Reception interrupt request of UART/CSIO/I2C
ch.8 to ch.11
Transmission interrupt request of UART/CSIO/I2C
ch.8 to ch.11
Transmission bus idle interrupt request of UART/
CSIO ch.8 to ch.11
Transmission FIFO interrupt request UART/CSIO/
I2C ch.8 to ch.11
Status interrupt request of I2C ch.8 to ch.11
39
27
ICR23
360H
000F FF60H
HDMI-CEC/Remote control reception
40
28
ICR24
35CH
000F FF5CH
Main timer/Sub timer/Watch counter
41
29
ICR25
358H
000F FF58H
10-bit A/D converter
• Scan conversion interrupt request
• Priority conversion interrupt request
• FIFO overrun interrupt request
• Conversion result compare interrupt request
42
2A
ICR26
354H
000F FF54H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com