Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 73 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 73 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 69Page - fujitsu semiconductor MB91F613 Datasheet HTML 70Page - fujitsu semiconductor MB91F613 Datasheet HTML 71Page - fujitsu semiconductor MB91F613 Datasheet HTML 72Page - fujitsu semiconductor MB91F613 Datasheet HTML 73Page - fujitsu semiconductor MB91F613 Datasheet HTML 74Page - fujitsu semiconductor MB91F613 Datasheet HTML 75Page - fujitsu semiconductor MB91F613 Datasheet HTML 76Page - fujitsu semiconductor MB91F613 Datasheet HTML 77Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 104 page
background image
MB91610 Series
DS07-16907-2E
73
• Operating guaranteed range (at using USB)
*1 : The values other than DIVB
= 000 are omitted.
*2 : The values other than PDS
= 0000, 0001,0010 are omitted.
*3 : The values other than ODS
= 10 are omitted.
*4 : The values other than PMS
= 0001,0111 are omitted.
Note: DIVB : Base clock division configuration bit
ODS : PLL macro oscillation clock division rate select bit
PDS : PLL input clock division select bit
PMS : PLL clock multiple rate select bit
• When the main clock is selected (DIVB=000*1)
2.4
2.7
3.0
3.3
3.6
0
246
8
10
12
14
16
18
20
22
24
26
2830
32
34
Internal operation clock Fcc (MHz)
• When the PLL clock is selected (DIVB=000*1, ODS=10*3, PMS=0111*4, PDS=0000*2, X0=4 MHz
or DIVB=000*1, ODS=10*3, PMS=0001*4, PDS=0010*2, X0=48 MHz)
0
4
8
12
16
20
24
2832
2.4
2.7
3.0
3.3
3.6
Internal operation clock Fcc (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com