Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 55 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 55 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 51Page - fujitsu semiconductor MB91F613 Datasheet HTML 52Page - fujitsu semiconductor MB91F613 Datasheet HTML 53Page - fujitsu semiconductor MB91F613 Datasheet HTML 54Page - fujitsu semiconductor MB91F613 Datasheet HTML 55Page - fujitsu semiconductor MB91F613 Datasheet HTML 56Page - fujitsu semiconductor MB91F613 Datasheet HTML 57Page - fujitsu semiconductor MB91F613 Datasheet HTML 58Page - fujitsu semiconductor MB91F613 Datasheet HTML 59Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 104 page
background image
MB91610 Series
DS07-16907-2E
55
(Continued)
Interrupt source (Peripheral resource)
Interrupt
number
Interrupt
level setting
register
Offset
Address of
TBR default
Deci-
mal
Hexa-
deci-
mal
32-bit free run timer ch.0
43
2B
ICR27
350H
000F FF50H
32-bit input capture ch.0 to ch.3
44
2C
ICR28
34CH
000F FF4CH
32-bit output compare ch.0 to ch.3
45
2D
ICR29
348H
000F FF48H
Base timer ch.0
46
2E
ICR30
344H
000F FF44H
Base timer ch.1
47
2F
ICR31
340H
000F FF40H
Base timer ch.2
48
30
ICR32
33CH
000F FF3CH
Base timer ch.3
49
31
ICR33
338H
000F FF38H
Base timer ch.4, ch.5
50
32
ICR34
334H
000F FF34H
Base timer ch.6, ch.7
51
33
ICR35
330H
000F FF30H
Reserved
52
34
ICR36
32CH
000F FF2CH
OSDC (MAIN)
53
35
ICR37
328H
000F FF28H
USB function (DRQ of End Point 1 to 5)
54
36
ICR38
324H
000F FF24H
USB function (DRQI of End Point 0,
DRQO and each status/ USB HOST (each status)
55
37
ICR39
320H
000F FF20H
OSDC (SUB)
56
38
ICR40
31CH
000F FF1CH
DMA controller (DMAC) ch.0
57
39
ICR41
318H
000F FF18H
DMA controller (DMAC) ch.1
58
3A
ICR42
314H
000F FF14H
DMA controller (DMAC) ch.2
59
3B
ICR43
310H
000F FF10H
DMA controller (DMAC) ch.3
60
3C
ICR44
30CH
000F FF0CH
DMA controller (DMAC) ch.4 to ch.7
61
3D
ICR45
308H
000F FF08H
System reserved
62
3E
ICR46
304H
000F FF04H
Delay interrupt
63
3F
ICR47
300H
000F FF00H
System reserved (Used by REALOS)
64
40
⎯
2FCH
000F FEFCH
System reserved (Used by REALOS)
65
41
⎯
2F8H
000F FEF8H
Used by INT instruction
66
to
255
42
to
FF
⎯
2F4H
to
000H
000F FEF4H
to
000F FC00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com