Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 12 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 12 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 8Page - fujitsu semiconductor MB91F613 Datasheet HTML 9Page - fujitsu semiconductor MB91F613 Datasheet HTML 10Page - fujitsu semiconductor MB91F613 Datasheet HTML 11Page - fujitsu semiconductor MB91F613 Datasheet HTML 12Page - fujitsu semiconductor MB91F613 Datasheet HTML 13Page - fujitsu semiconductor MB91F613 Datasheet HTML 14Page - fujitsu semiconductor MB91F613 Datasheet HTML 15Page - fujitsu semiconductor MB91F613 Datasheet HTML 16Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 104 page
background image
MB91610 Series
12
DS07-16907-2E
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
79
P77
D
General-purpose I/O port
AN7
A/D converter ch.7 analog input
SCK0
Multifunction serial ch.0 clock [operation modes 0 to 2]
TMI2
Reload timer ch.2 input
80
AVCC
⎯
A/D converter analog power supply
81
AVSS
⎯
A/D converter GND
82
AVRH
⎯
A/D converter analog reference power supply
83
TRST
E
Tool reset input for DSU4
N.C. pin for MASK products.
84
ICLK
K
Clock pin for DSU4
N.C. pin for MASK products.
85
IBREAK
I
Break pin for DSU4
N.C. pin for MASK products.
86
ICS0
H
DSU4 status
N.C. pin for MASK products.
87
ICS1
H
DSU4 status
N.C. pin for MASK products.
88
ICS2
H
DSU4 status
N.C. pin for MASK products.
89
VCC
⎯
3.3 V power supply
90
VSS
⎯
GND
91
C
⎯
C pin for a regulator
92
ICD0
J
DSU4 data
N.C. pin for MASK products.
93
ICD1
J
DSU4 data
N.C. pin for MASK products.
94
ICD2
J
DSU4 data
N.C. pin for MASK products.
95
ICD3
J
DSU4 data
N.C. pin for MASK products.
96
P00
B
General-purpose I/O port
TIOA0
Base timer ch.0 TIOA
SOUT0_1
Multifunction serial ch.0 output (Port 1) [operation modes 0 to 2]
IN0
Input capture ch.0 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com