Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 13 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 13 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 9Page - fujitsu semiconductor MB91F613 Datasheet HTML 10Page - fujitsu semiconductor MB91F613 Datasheet HTML 11Page - fujitsu semiconductor MB91F613 Datasheet HTML 12Page - fujitsu semiconductor MB91F613 Datasheet HTML 13Page - fujitsu semiconductor MB91F613 Datasheet HTML 14Page - fujitsu semiconductor MB91F613 Datasheet HTML 15Page - fujitsu semiconductor MB91F613 Datasheet HTML 16Page - fujitsu semiconductor MB91F613 Datasheet HTML 17Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 104 page
background image
MB91610 Series
DS07-16907-2E
13
(Continued)
Pin no.
Pin name
I/O circuit
type*
Function
97
P01
B
General-purpose I/O port
TIOB0
Base timer ch.0 TIOB
SIN0_1
Multifunction serial ch.0 input (Port 1)
IN1
Input capture ch.1 input
98
P02
B
General-purpose I/O port
TIOA1
Base timer ch.1 TIOA
SCK0_1
Multifunction serial ch.0 clock (Port 1) [operation modes 0 to 2]
IN2
Input capture ch.2 input
99
P03
B
General-purpose I/O port
TIOB1
Base timer ch.1 TIOB
IN3
Input capture ch.3 input
100
P04
B
General-purpose I/O port
TIOA2
Base timer ch.2 TIOA
SOUT1
Multifunction serial ch.1 output [operation modes 0 to 2]
(SDA1)
I2C ch.1 serial data line [operation mode 4]
101
P05
B
General-purpose I/O port
TIOB2
Base timer ch.2 TIOB
SIN1
Multifunction serial ch.1 input
102
P06
B
General-purpose I/O port
TIOA3
Base timer ch.3 TIOA
SCK1
Multifunction serial ch.1 clock [operation modes 0 to 2]
(SCL1)
I2C ch.1 serial clock line [operation mode 4]
103
P07
B
General-purpose I/O port
TIOB3
Base timer ch.3 TIOB
104
P10
B
General-purpose I/O port
TIOA4
Base timer ch.4 TIOA
SOUT2
Multifunction serial ch.2 output [operation modes 0 to 2]
(SDA2)
I2C ch.2 serial data line [operation mode 4]
INT0
External interrupt 0 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com