Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB91F613 Datasheet HTML 1Page - fujitsu semiconductor MB91F613 Datasheet HTML 2Page - fujitsu semiconductor MB91F613 Datasheet HTML 3Page - fujitsu semiconductor MB91F613 Datasheet HTML 4Page - fujitsu semiconductor MB91F613 Datasheet HTML 5Page - fujitsu semiconductor MB91F613 Datasheet HTML 6Page - fujitsu semiconductor MB91F613 Datasheet HTML 7Page - fujitsu semiconductor MB91F613 Datasheet HTML 8Page - fujitsu semiconductor MB91F613 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 104 page
background image
MB91610 Series
DS07-16907-2E
3
• Interrupts
• Total of 16 external interrupts (some pins are 5 V tolerant)
• Interrupts from peripheral resources
• Programmable interrupt levels (16 levels)
• Can be used to return from stop mode, sleep mode
• A/D converter
• 8 channels, 1 unit
• 10-bit resolution
• Conversion time : approx. 1.2 μs (PCLK = 33 MHz)
• Priority conversion (2 levels)
• Conversion modes : Single-shot conversion mode, scan conversion mode
• Activation sources : Software, external trigger, base timer
• Built-in FIFO for storing conversion data (for scan conversion:16, for priority conversion:4)
• Base timer
• 8 channels
• Operation mode is selectable from the followings for each channel
- 16/32-bit reload timer
- 16-bit PWM timer
- 16/32-bit PWC timer
- 16-bit PPG timer
• Cascading connection between 2 channels allows them to be used as one 32-bit timer
• Multiple channels can be started simultaneously
• Input/output select function
• 16-bit reload timer
• 3 channels (including 1 channel for REALOS)
• Interval timer function
• Count clock select function (peripheral clock (PCLK) divided by 2 to 64)
• Compare timer
• 32-bit input capture : 4 channels
• 32-bit output compare : 4 channels
• 32-bit free-run timer : 1 channel
• Other interval timers
• Watch counter : 1 channel
• Watchdog timer : 2 channels
- Watchdog timer 0
- After resetting this device, the watchdog timer becomes active when an arbitrary value is written to the
WDTCPR0 register.
- The cycle of the watchdog timer 0 can be selected from the peripheral clock (PCLK)
× (29 to 224).
- Watchdog timer 1
- After releasing the reset of this device, it counts with the CPU clock (CCLK).
- Disable/ enable of the counter operation can be controlled by HWDE pin.
- The cycle of the watchdog timer 1 is CCLK
× 223 cycle fixed.
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com