Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 57 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 57 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 53Page - fujitsu semiconductor MB91F613 Datasheet HTML 54Page - fujitsu semiconductor MB91F613 Datasheet HTML 55Page - fujitsu semiconductor MB91F613 Datasheet HTML 56Page - fujitsu semiconductor MB91F613 Datasheet HTML 57Page - fujitsu semiconductor MB91F613 Datasheet HTML 58Page - fujitsu semiconductor MB91F613 Datasheet HTML 59Page - fujitsu semiconductor MB91F613 Datasheet HTML 60Page - fujitsu semiconductor MB91F613 Datasheet HTML 61Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 104 page
background image
MB91610 Series
DS07-16907-2E
57
■ PIN STATUS IN EACH CPU STATE
• When INIT = “L”
This is the period when the INIT pin is the “L” level.
• When INIT = “H”
The status immediately after the INIT pin changes from the “L” level to the “H” level.
•SLVL1
This bit is a standby level setting bit in the standby mode control register (STBCR) .
• Input enabled
Indicates that the input function can be used.
• Input disabled
Indicates that the input function cannot be used.
• Output Hi-Z
Indicates that the output drive transistor is disabled and the pin is put in the Hi-Z state.
• Maintain previous state
Maintains the state that was being output immediately prior to entering the current mode.
If a built-in peripheral function is operating, the output follows the peripheral function.
If the pin is being used as a port, that output is maintained.
• Internal input fixed at “0”
The input gate connected to the pin is disconnected from the external input and internally connected to “0”.
• Input enabled when interrupt function selected and enabled
Inputs are allowed only when the pin is configured as an external interrupt request input pin and the external
interrupt request is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com