Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 39 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 39 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 35Page - fujitsu semiconductor MB91F613 Datasheet HTML 36Page - fujitsu semiconductor MB91F613 Datasheet HTML 37Page - fujitsu semiconductor MB91F613 Datasheet HTML 38Page - fujitsu semiconductor MB91F613 Datasheet HTML 39Page - fujitsu semiconductor MB91F613 Datasheet HTML 40Page - fujitsu semiconductor MB91F613 Datasheet HTML 41Page - fujitsu semiconductor MB91F613 Datasheet HTML 42Page - fujitsu semiconductor MB91F613 Datasheet HTML 43Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 104 page
background image
MB91610 Series
DS07-16907-2E
39
(Continued)
Address
Register
Block
+ 0
+ 1
+ 2
+ 3
0000 020CH
IPCP0 [R] W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
32-bit Input
capture
ch.0 to ch.3
0000 0210H
IPCP1 [R] W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
0000 0214H
IPCP2 [R] W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
0000 0218H
IPCP3 [R] W
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
0000 021CH
⎯
ICS01 [R/W] B
00000000
⎯
ICS23 [R/W] B
00000000
0000 0220H
to
0000 0230H
⎯
Reserved
0000 0234H
OCCP0 [R/W] W
00000000 00000000 00000000 00000000
32-bit Output
compare
ch.0 to ch.3
0000 0238H
OCCP1 [R/W] W
00000000 00000000 00000000 00000000
0000 023CH
OCCP2 [R/W] W
00000000 00000000 00000000 00000000
0000 0240H
OCCP3 [R/W] W
00000000 00000000 00000000 00000000
0000 0244H
OCSH1 [R/W]
B,H,W
---0--00
OCSL0 [R/W]
B,H,W
0000--00
OCSH3 [R/W]
B,H,W
---0--00
OCSL2 [R/W]
B,H,W
0000--00
0000 0248H
to
0000 031CH
⎯
Reserved
0000 0320H
FCTLR[R/W] H
-0--1011 --------
⎯
FSTR[R] B
-------1
Flash memory
control
0000 0324H
to
0000 0334H
⎯
Reserved
0000 0338H
⎯
WREN[R/W] B,H
00000000 00000000
Wild register
0000 033CH
⎯
0000 0340H
to
0000 037CH
⎯
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com