Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 64 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 64 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 60Page - fujitsu semiconductor MB91F613 Datasheet HTML 61Page - fujitsu semiconductor MB91F613 Datasheet HTML 62Page - fujitsu semiconductor MB91F613 Datasheet HTML 63Page - fujitsu semiconductor MB91F613 Datasheet HTML 64Page - fujitsu semiconductor MB91F613 Datasheet HTML 65Page - fujitsu semiconductor MB91F613 Datasheet HTML 66Page - fujitsu semiconductor MB91F613 Datasheet HTML 67Page - fujitsu semiconductor MB91F613 Datasheet HTML 68Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 104 page
background image
MB91610 Series
64
DS07-16907-2E
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1 : The parameter is based on VSS
= AVSS = 0.0 V.
*2 : VCC must not drop below VSS
− 0.3 V.
*3 : Be careful not to exceed VCC
+ 0.3 V, for example, when the power is turned on.
*4 : The maximum output current is the peak value for a single pin.
*5 : The average output is the average current for a single pin over a period of 100 ms.
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1, *2
VCC
Vss
− 0.3
Vss
+ 4.0
V
Analog power supply voltage*1, *3
AVCC
Vss
− 0.3
Vss
+ 4.0
V
Analog reference voltage*1, *3
AVRH
Vss
− 0.3
Vss
+ 4.0
V
Input voltage*1
VI
Vss
− 0.3
Vcc
+ 0.3
(
≤ 4.0)
V*7
Vss
− 0.3
Vss
+ 6.0
V
5 V tolerant
Vss
− 0.5
Vss
+ 4.5
V
USB I/O
Analog pin input voltage*1
VIA
Vss
− 0.3
Vss
+ 4.0
V
Output voltage*1
VO
Vss
− 0.3
Vcc
+ 0.3
V
Vss
− 0.5
Vss
+ 4.5
V
USB I/O
Maximum clamp current
ICLAMP
− 4
+ 4mA
*8
Total maximum clamp current
Σ|ICLAMP|
⎯
40
mA
*8
“L” level maximum output current*4
IOL
⎯
10
mA
⎯
43
mA
USB I/O
“L” level average output current*5
IOLAV
⎯
4mA
⎯
15
mA
USB I/O
“L” level total maximum
output current
ΣIOL
⎯
100
mA
“L” level total average output current*6
ΣIOLAV
⎯
50
mA
“H” level maximum output current*4
IOH
⎯
− 10
mA
⎯
− 43
mA
USB I/O
“H” level average output current*5
IOHAV
⎯
− 4mA
⎯
− 15
mA
USB I/O
“H” level total maximum output
current*6
ΣIOH
⎯
− 100
mA
“H” level total average output current
ΣIOHAV
⎯
− 50
mA
Power consumption (Flash product)
PD
⎯
850
mW
Power consumption (MASK product)
⎯
600
mW
Operating temperature
Ta
− 40
+ 85
°C
Storage temperature
TSTG
− 55
+ 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com