Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 78 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 78 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 74Page - fujitsu semiconductor MB91F613 Datasheet HTML 75Page - fujitsu semiconductor MB91F613 Datasheet HTML 76Page - fujitsu semiconductor MB91F613 Datasheet HTML 77Page - fujitsu semiconductor MB91F613 Datasheet HTML 78Page - fujitsu semiconductor MB91F613 Datasheet HTML 79Page - fujitsu semiconductor MB91F613 Datasheet HTML 80Page - fujitsu semiconductor MB91F613 Datasheet HTML 81Page - fujitsu semiconductor MB91F613 Datasheet HTML 82Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 104 page
background image
MB91610 Series
78
DS07-16907-2E
• Synchronous serial (SPI = 0, SCINV = 1)
Notes: • The above standards apply to CLK synchronous mode.
•tCYCP indicates the peripheral clock cycle time.
• When the external load capacitance C = 50 pF.
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Min
Max
Serial clock cycle time
tSCYC
SCKn
Internal shift clock
operation
4tCYCP
⎯
ns
SCK
↑→ SOUT delay time
tSHOVI
SCKn
SOUTn
− 30
+ 30
ns
SIN
→ SCK ↓ setup time
tIVSLI
SCKn
SINn
57
⎯
ns
SCK
↓ → SIN hold time
tSLIXI
SCKn
SINn
0
⎯
ns
Serial clock “L” pulse width
tSLSH
SCKn
External shift clock
operation
2tCYCP
− 10
⎯
ns
Serial clock “H” pulse width
tSHSL
SCKn
tCYCP
+ 10
⎯
ns
SCK
↑ → SOUT delay time
tSHOVE
SCKn
SOUTn
⎯
48
ns
SIN
→ SCK ↓ setup time
tIVSLE
SCKn
SINn
25
⎯
ns
SCK
↓ → SIN hold time
tSLIXE
SCKn
SINn
20
⎯
ns
SCK fall time
tF
SCKn
⎯
5ns
SCK rise time
tR
SCKn
⎯
5ns
VIHS
VIHS
VIHS
VILS
VILS
VIHS
VIHS
SCK
SOUT
SIN
VILS
VOH
VOL
VILS
tIVSHE
tSHIXE
tSLOVE
tF
tR
tSHSL
tSLSH
MS bit
= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com