Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F613 Datasheet(PDF) 91 Page - fujitsu semiconductor

Part # MB91F613
Description  32-bit Microcontrollers
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F613 Datasheet(HTML) 91 Page - fujitsu semiconductor

Back Button MB91F613 Datasheet HTML 87Page - fujitsu semiconductor MB91F613 Datasheet HTML 88Page - fujitsu semiconductor MB91F613 Datasheet HTML 89Page - fujitsu semiconductor MB91F613 Datasheet HTML 90Page - fujitsu semiconductor MB91F613 Datasheet HTML 91Page - fujitsu semiconductor MB91F613 Datasheet HTML 92Page - fujitsu semiconductor MB91F613 Datasheet HTML 93Page - fujitsu semiconductor MB91F613 Datasheet HTML 94Page - fujitsu semiconductor MB91F613 Datasheet HTML 95Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
MB91610 Series
DS07-16907-2E
91
• Definition of 10-bit A/D Converter Terms
• Resolution
: Analog variation that is recognized by an A/D converter.
• Linearity error
: Deviation of the line between the zero-transition point
(0000000000
←→0000000001) and the full-scale transition point
(1111111110
←→1111111111) from the actual conversion characteristics.
• Differential linearity error : Deviation from the ideal value of the input voltage that is required to change the
output code by 1 LSB.
• Total error
: Difference between the actual value and the theoretical value. The total error includes
zero transition error, full-scale transition error, and linear error.
(Continued)
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS
AVRH
{1 LSB (N
− 1) + VOT}
(N
− 1)H
AVSS
AVRH
(N
− 2)H
NH
(N
+ 1)H
VFST
VNT
VOT
V(N+1)T
VNT
Linearity error
Differential linearity error
Actual conversion
characteristics
Actual conversion
characteristics
Ideal characteristics
(Actually-
measured
value)
Actual conversion
characteristics
Actual conversion characteristics
(Actually-measured
value)
(Actually-measured value)
Ideal characteristics
(Actually-measured
value)
(Actually-measured
value)
Analog input
Analog input
N
: A/D converter digital output value.
VOT : Voltage at which the digital output changes from 000H to 001H.
VFST : Voltage at which the digital output changes from 3FEH to 3FFH.
VNT : Voltage at which the digital output changes from (N
− 1)H to NH.
Linearity error of digital output N
=
VNT
− {1 LSB × (N − 1) + VOT}
[LSB]
1 LSB'
Differential linearity error of digital output N
=
V (N+1) T
− VNT
− 1 [LSB]
1 LSB
1 LSB
=
VFST
− VOT
1022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com