Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5020 Datasheet (PDF) - ams AG

AS5020 Datasheet PDF - ams AG
Part # AS5020
Download  AS5020 Download
File Size   338.08 Kbytes
Page   11 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE

AS5020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS5020 Datasheet PDF - ams AG

Part # AS5020
Download  AS5020 Click to download

File Size   338.08 Kbytes
Page   11 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description 6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE

AS5020 Datasheet (HTML) - ams AG


AS5020 Product details

General Description
The device provides the absolute angular position of a simple magnet that is placed under or above the device’s surface. The device includes the Hall Sensor Array, signal conditioning and post processing needed to generate a 6-bit binary code. The binary code can be easily accessed by a Synchronous Serial Interface (SSI). The angle between the device and the magnetic polarisation axis is exactly represented by one of 64 sectors (of 5.625° each) in the full 360° range. Zero-Position Programming allows one time programming of a specific zero position between the device and the magnet. The initial zero position is shown below.

Key Features
❑ Up to 64 positions within 360°
❑ Non contact switching
❑ Simple magnet as rotary encoder
❑ Zero position programmable (independent of magnet orientation)
❑ Synchronous Serial Interface (SSI)
❑ Cascading is possible
❑ Chip Select Input
❑ Small 8-Pin SOIC (SMT) Package
❑ Temperature Range: -40°C ...+85°C




Similar Part No. - AS5020

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS50 ALLIED-AS50 Datasheet
965Kb / 1P
Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
961Kb / 1P
Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
965Kb / 1P
Axial Shielded Inductors
AS50-101K-RC ALLIED-AS50-101K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
More results


Similar Description - AS5020

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
12 BIT ANGULAR HALL ENCODER
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
High Resolution Magnetic Angular Position Sensor IC
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
Magnetic Rotary Encoder 14-bit Angular Position Sensor
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
12-BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
12 BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
12-BIT ANGULAR HALL ENCODER
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
10-Bit to16-Bit Programmable Angular Magnetic Encoder
AEAT-8811-Q24 BOARDCOM-AEAT-8811-Q24 Datasheet
1Mb / 26P
Magnetic Encoder IC: 10-Bit to 16-Bit Programmable Angular Magnetic Encoder with No Offset Calibration
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com