Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5020 Datasheet(PDF) 1 Page - ams AG

Part # AS5020
Description  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5020 Datasheet(HTML) 1 Page - ams AG

  AS5020 Datasheet HTML 1Page - ams AG AS5020 Datasheet HTML 2Page - ams AG AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev. n/c
Page 1/11
Feb 2001
Key Features
u
u
u
u
Up to 64 positions within 360
°
u
u
u
u
Non contact switching
u
u
u
u
Simple magnet as rotary encoder
u
u
u
u
Zero position programmable (independent of
magnet orientation)
u
u
u
u
Synchronous Serial Interface (SSI)
u
u
u
u
Cascading is possible
u
u
u
u
Chip Select Input
u
u
u
u
Small 8-Pin SOIC (SMT) Package
u
u
u
u
Temperature Range: -40
°C ...+85°C
General Description
The device provides the absolute angular position of a simple magnet that is placed under or
above the device’s surface. The device includes the Hall Sensor Array, signal conditioning and
post processing needed to generate a 6-bit binary code. The binary code can be easily
accessed by a Synchronous Serial Interface (SSI). The angle between the device and the
magnetic polarisation axis is exactly represented by one of 64 sectors (of 5.625
° each) in the
full 360
° range. Zero-Position Programming allows one time programming of a specific zero
position between the device and the magnet. The initial zero position is shown below.
6-BIT MAGNETIC
ANGULAR POSITION ENCODER
WITH SERIAL INTERFACE
α
S
N
4mm
0... initial
32
16
48
8
24
40
56
4
12
20
28
36
44
52
60
Ordering Information
Part Number Package
AS5020
SOIC 8
AS5020T
SOIC8 Tape and Reel
Functional Block Diagram


Similar Part No. - AS5020

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AS50 ALLIED-AS50 Datasheet
965Kb / 1P
Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
961Kb / 1P
Axial Shielded Inductors
AS50-100K-RC ALLIED-AS50-100K-RC Datasheet
965Kb / 1P
Axial Shielded Inductors
AS50-101K-RC ALLIED-AS50-101K-RC Datasheet
956Kb / 1P
Axial Shielded Inductors
More results

Similar Description - AS5020

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH Datasheet
473Kb / 23P
12 BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_11 Datasheet
713Kb / 25P
12 BIT ANGULAR HALL ENCODER
logo
Honeywell Solid State E...
APS00B HONEYWELL-APS00B Datasheet
607Kb / 6P
High Resolution Magnetic Angular Position Sensor IC
logo
AVAGO TECHNOLOGIES LIMI...
AEAT-6600-T16 AVAGO-AEAT-6600-T16 Datasheet
539Kb / 11P
10 to16-Bit Programmable Angular Magnetic Encoder IC
logo
ams AG
AS5048 AMSCO-AS5048 Datasheet
2Mb / 30P
Magnetic Rotary Encoder 14-bit Angular Position Sensor
logo
IC-Haus GmbH
IC-MH ICHAUS-IC-MH_17 Datasheet
666Kb / 26P
12-BIT ANGULAR HALL ENCODER
IC-MH8 ICHAUS-IC-MH8_14 Datasheet
605Kb / 25P
12 BIT ANGULAR HALL ENCODER
IC-MH16 ICHAUS-IC-MH16_15 Datasheet
792Kb / 25P
12-BIT ANGULAR HALL ENCODER
logo
Broadcom Corporation.
AEAT-8800-Q24 BOARDCOM-AEAT-8800-Q24 Datasheet
1Mb / 21P
10-Bit to16-Bit Programmable Angular Magnetic Encoder
AEAT-8811-Q24 BOARDCOM-AEAT-8811-Q24 Datasheet
1Mb / 26P
Magnetic Encoder IC: 10-Bit to 16-Bit Programmable Angular Magnetic Encoder with No Offset Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com