Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5020 Datasheet(PDF) 5 Page - ams AG

Part # AS5020
Description  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5020 Datasheet(HTML) 5 Page - ams AG

  AS5020 Datasheet HTML 1Page - ams AG AS5020 Datasheet HTML 2Page - ams AG AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0
AS5020
Rev. n/c
Page 5/11
Feb 2001
PD/CS
CLK
DATA
D4
D0
Latch
actual value
Next
value
12
78
9
D5
NVR
Parity
D5
D4 D0
NVR
Parity
D5
angle 1
angle 2
angle n
Figure 3 Daisy Chain read out
Zero Position Programming
A simple single pin programming allows changing the initial zero position. It is easy to program
permanently a new zero-reference into the internal OTP (one time programmable) ROM. This
allows a fast and economic magnet placement since the intrinsic orientation is not important.
Single Pin Programming is provided via the PROG pin. Fig.4 shows the typical programming
sequence needed for fixing the new zero position.
Zero Position Programming Sequence
Before calibration, the new zero position must be adjusted in measurement mode (PD/CS=0).
The rising edge of PD/CS gets the actual position and stores it internally for the permanent
programming. A high level at the PROG Pin during power-down (PD/CS=1) with a minimum
duration of 300
V#HQDEOHV#SURJUDPPLQJ1#$IWHU#RQH#LQLWLDO#GXPP\#ELW#SXOVH/#VL[#SXOVHV#RI#;928µs
select the latched position information and zap the reference value into the OTP ROM.
Continuous Read Out Mode Selection
An optional 9
th pulse after the initialisation pulse, the dummy pulse, and the 6 data pulses can
be used to set Continuous Read Out Mode (see Fig.4).
PROG [V]
8
0
t
Initialisation
Zero Position Programming
12
3
4
Bit 0
Bit 1
Bit 3
Bit 2
Bit 5
Bit 4
56
78
Optional
Cont.
Mode
Dummy
Calibration Position
Latched
Measurement
Enable
CS
Enable
Programming
tProgEN
Figure 4 Programming sequence
Note: Daisy Chain configuration is not possible in Continuous Read Out Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com