Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5020 Datasheet(PDF) 4 Page - ams AG

Part # AS5020
Description  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5020 Datasheet(HTML) 4 Page - ams AG

  AS5020 Datasheet HTML 1Page - ams AG AS5020 Datasheet HTML 2Page - ams AG AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0
AS5020
Rev. n/c
Page 4/11
Feb 2001
Measurement Modes
Two measurement modes can be selected by programming:
1) Single Read Out Mode (default)
2) Continuous Read Out Mode (OTP option)
Chip Select must be active low (PD/CS=0) to enable measurement and bring the output DATA
out of high impedance state.
After a minimum measurement period, the first falling edge of CLK latches the actual measured
angular value. The following rising edges shift the data bits out of the DATA pin, beginning with
the most significant bit. An NVR bit and even parity bit are added to the 6 bit angular value. The
NVR bit indicates a non-valid range given by bad magnet positioning.
PD/CS
CLK
DATA
D5
(MSB)
D5
(MSB)
D4
D0
NVR
Parity
Latch
actual value
Next
value
12
78
9
Reset not necessary in
Continuos Mode
Figure 1 SSI read out
In Single Read Out Mode the start of a new measurement has to be initiated with a short pulse
at PD/CS of at least 1 clockcycle. The following falling edge of CLK latches a new measured
value.
If the OTP option Continuous Read Out Mode is chosen, repeated angle measurement is
enabled by PD/CS=0. After each read out sequence the output shift register is automatically
refreshed. Fast transmission of the angular data can be performed without pulsing PD/CS.
Daisy Chain Configuration
In Singe Read Out mode, cascading allows Daisy Chain structures to minimise the
interconnection lines. Connecting DATA with PROG of the cascaded Sensor (see Fig. 2) allows
the read out of n sensors with the use of only three wires. The measurement data is shifted in
this configuration through the devices
After n x 9 clock cycles each value of n sensors is visible at pin DATA of the first sensor device.
A new measurement can be started with the falling edge of CLK after a power down pulse at
PD/CS.
AS5020
PROG
DATA
CLK
PD/CS
AS5020
PROG
DATA
CLK
PD/CS
AS5020
PROG
DATA
CLK
PD/CS
µµµµC
CLK
Power Down
Data In
n1
2
Figure 2 Typical Daisy Chain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com