Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5020 Datasheet(PDF) 8 Page - ams AG

Part # AS5020
Description  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5020 Datasheet(HTML) 8 Page - ams AG

Back Button AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG AS5020 Datasheet HTML 10Page - ams AG AS5020 Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0
AS5020
Rev. n/c
Page 8/11
Feb 2001
Magnetic Input Characteristics*
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Bmin-max
Processing magnetic field
strength input range
At package surface
30
40
50
mT
Offmag
Magnetic Offset
5
mT
DistFmag
Magnetic distortion factor
Sinusoidal magnetic field
density along 3mm
concentric circle.
2
3
%
Td
Magnet Temperature drift
-0.035
%/K
D
Diameter of encoder magnet
3
6
mm
f
Input frequency
Both directions
30000
rpm
*Note: Please ask for our preferred Magnet Supplier List.
Output Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
RES
Resolution
6
bits
LSB
Minimum step
5.625
deg
INL
Integral Non-Linearity
See Note 1)
0.5
LSB
DNL
Differential Non-Linearity
0.5
LSB
No missing codes guaranteed
TN
Transition-Noise
0.1
LSB
1) Linearity is defined in terms of end point fit and guaranteed by design, proved by simulated test signals
180
°
360
°
0
°
0
32
63
α
αα
α
α
αα
α
6b i t
0
1
2
5.625
°
Figure 5 Output value versus input angle



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com