Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5020 Datasheet(PDF) 7 Page - ams AG

Part # AS5020
Description  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5020 Datasheet(HTML) 7 Page - ams AG

Back Button AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG AS5020 Datasheet HTML 10Page - ams AG AS5020 Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0
AS5020
Rev. n/c
Page 7/11
Feb 2001
Timing Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
tSetUp
Set up time after power on
20
µs
tReset
Minimum reset duration
1
µs
tmeas
Min. waiting time for a single
measurement *
20
µs
tclkDATA
Max. CLK-DATA valid delay
10
ns
tlatch
Min. Hold time after latching
5
µs
TCLK
Data shift clock periode
1
us
Vdd
PD/CS
CLK
DATA
D5
D4
D3
D2
D1
D0
NVR
Parity
tSetUp
tReset tmeas tlatch
TCLK tclkDATA
Figure 5 Timing Characteristics Single Read Out Mode
Vdd
PD/CS
1
2
3
4
5
6
7
8
9
1
2
3
CLK
DATA
tSetUp
Figure 6 Timing Characteristics Continuous Read Out Mode
*Note:
Multiple latching of 1 measured value in Continuous Read Out Mode is possible due to internal anti-
collision of the Value Update.
MSB
LSB
MSB
NVR
Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com