Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5020 Datasheet(PDF) 2 Page - ams AG

Part # AS5020
Description  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5020 Datasheet(HTML) 2 Page - ams AG

  AS5020 Datasheet HTML 1Page - ams AG AS5020 Datasheet HTML 2Page - ams AG AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0
AS5020
Rev. n/c
Page 2/11
Feb 2001
Pin Description
Pin #
Symbol
Type
Description
1
DATA
DO
DATA Output of the SSI.
If PD/CS=0, the measured angle data (6bit value) is serially
shifted out over this pin by the CLK, starting with the MSB. A
NVR Bit and a Parity bit are added. (NVR=1 indicates a Non-
Valid Range of the magnetic field.) Even Parity is given.
2
VDD
AI
Positive Supply Voltage.
3
VSS
AI
Negative Supply Voltage (GND).
4
PROG
DI
PROGramming Input.
This pin is used to program the zero position into a non-volatile
memory (OTP). The programmed value is subtracted from the
actual measured angle.
5
N.C.
AI
Not Connected during operation. This pin is used for testing
purposes.
6
N.C.
AI
Not Connected during operation. This pin is used for testing
purposes.
7
PD/CS
DI
Power Down Input, Disable or Chip Select (active low).
PD/CS=0 activates the device and enables the measurement.
PD/CS=1 sets the device in power save mode and puts the
DATA pin in high impedance (highZ) state.
8
CLK
DI
CLOCK Input of the SSI.
This pin is used to serially clock out the measured angle data at
Pin 7 (DATA).
DI:
Digital Input
AI:
Analogue Input
DO: Digital Output
OTP: One Time Programmable
MSB: Most Significant Bit
LSB: Least Significant Bit
Note: The pins 5 and 6 must not be connected!
Pin Configuration
DATA
CLK
VDD
PD/CS
VSS
N.C.
PROG
N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com