Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5020 Datasheet(PDF) 3 Page - ams AG

Part # AS5020
Description  6-BIT MAGNETIC ANGULAR POSITION ENCODER WITH SERIAL INTERFACE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5020 Datasheet(HTML) 3 Page - ams AG

  AS5020 Datasheet HTML 1Page - ams AG AS5020 Datasheet HTML 2Page - ams AG AS5020 Datasheet HTML 3Page - ams AG AS5020 Datasheet HTML 4Page - ams AG AS5020 Datasheet HTML 5Page - ams AG AS5020 Datasheet HTML 6Page - ams AG AS5020 Datasheet HTML 7Page - ams AG AS5020 Datasheet HTML 8Page - ams AG AS5020 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
6-Bit Magnetic Position Encoder –Data Sheet Rev.1.0
AS5020
Rev. n/c
Page 3/11
Feb 2001
Functional Description
Measurement Principle
A hall sensor array is used to convert the magnetic field distribution above the chip surface into
a binary code.
Measurement is enabled by PD/CS=0. After each measurement a 6-bit value is latched, with
the first falling edge of the CLK, into an output shift register.
The measured data is accessible via a Synchronous Serial Interface (SSI) by any
µController
System.
Ratiometric measurement techniques together with hall sensor conditioning circuitry allow
robust tolerance to magnet misalignment.
Permanent Encoder Magnet
A simple two-pole magnet, e.g. a standard cylindrical permanent magnet that is diametric
magnetised, is needed.
Magnetic Field strength of at least
±30mTp is required at the package surface.
Standard magnet materials like rare earth AlNiCo / SmCo5 or NdFeB are recommended.
Please enquire for distributor references.
α
30
3mm
180
°
360
°
B/mT
α/°
-30
N
S
N
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com