Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet (PDF) - Analog Devices

ADP3510 Datasheet PDF - Analog Devices
Part # ADP3510
Download  ADP3510 Download
File Size   283.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CDMA Power Management System

ADP3510 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3510 Datasheet PDF - Analog Devices

Part # ADP3510
Download  ADP3510 Click to download

File Size   283.9 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description CDMA Power Management System

ADP3510 Datasheet (HTML) - Analog Devices


ADP3510 Product details

GENERAL DESCRIPTION
The ADP3510 is a multifunction power system chip optimized for CDMA handset power management. It contains six specialized LDOs, one to power each of the critical CDMA subblocks. Sophisticated controls are available for power-up during battery charging, keypad interface, and RTC alarm. If a Li-Ion battery is being charged, the charge circuit maintains low current charging during the initial charge phase and provides an end of charge (EOC) signal when the cell has been fully charged.
The ADP3510 is specified over the temperature range of –20°C to +85°C and is available in a narrow body TSSOP 28-Lead package.

FEATURES
   Handles All CDMA Baseband Power Management
   Six LDOs Optimized for Specific CDMA Subsystems
   Li-Ion and NiMH Battery Charge Function
   Ambient Temperature: -20°C to +85°C
   TSSOP 28-Lead Package
   Optimized for LSI Logic Baseband Chipset

APPLICATIONS
   CDMA Handsets




Similar Part No. - ADP3510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP3500 ETC-ADP3500 Datasheet
266Kb / 29P
CDMA Power Management System
ADP3500AST ETC-ADP3500AST Datasheet
266Kb / 29P
CDMA Power Management System
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
CDMA Power Management System
REV. PrP 2/6/02
ADP3502 AD-ADP3502 Datasheet
714Kb / 36P
CDMA Power Management System
REV.0
ADP3502ASU AD-ADP3502ASU Datasheet
714Kb / 36P
CDMA Power Management System
REV.0
More results


Similar Description - ADP3510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
GSM Power Management System
REV.0
logo
List of Unclassifed Man...
ADP3500 ETC-ADP3500 Datasheet
266Kb / 29P
CDMA Power Management System
logo
Analog Devices
ADP3502 AD-ADP3502 Datasheet
714Kb / 36P
CDMA Power Management System
REV.0
logo
National Semiconductor ...
LP3919 NSC-LP3919 Datasheet
58Kb / 2P
CDMA Power Management Unit
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
CDMA Power Management System
REV. PrP 2/6/02
ADP3502 AD-ADP3502_15 Datasheet
748Kb / 36P
CDMA Power Management System
REV. 0
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
Power Management System
logo
Texas Instruments
LP3919 TI1-LP3919 Datasheet
654Kb / 7P
CDMA Power Management Unit
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com