Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3510 Datasheet HTML 4Page - Analog Devices ADP3510 Datasheet HTML 5Page - Analog Devices ADP3510 Datasheet HTML 6Page - Analog Devices ADP3510 Datasheet HTML 7Page - Analog Devices ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices ADP3510 Datasheet HTML 10Page - Analog Devices ADP3510 Datasheet HTML 11Page - Analog Devices ADP3510 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. 0
ADP3510
–8–
VBAT – V
400
350
300
250
200
3.0
3.5
4.0
4.5
5.0
5.5
VIO, VCORE, VMEM,
VRTC, VAN, REFOUT ON,
MIN LOAD (TCXOEN = L)
ALL LDO, MVBAT, REFOUT ON,
MIN LOAD (TCXOEN = H)
TPC 1. Ground Current
vs. Battery Voltage
RTC REVERSE LEAKAGE
(VBAT = 2.3V)
RTC REVERSE LEAKAGE
(VBAT = FLOAT)
TEMPERATURE – C
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
25 30 35 40 45 50 55 60 65 70 75 80 85
TPC 4. VTRC Reverse Leakage
Current vs. Temperature
TIME
100 s/DIV
VBAT
3.5V
3.3V
10mV/DIV
10mV/DIV
VMEM
VTCXO
TPC 7. Line Transient Response,
Maximum Loads
40
0
20
TEMPERATURE – C
20
40
60
80
100 120
300
250
200
350
400
ALL LDO, MVBAT, REFOUT,
ON MIN LOAD (TCXOEN = H)
VIO, VCORE, VMEM, VRTC, VAN,
REFOUT, ON MIN LOAD (TCXOEN = L)
TPC 2. Ground Current
vs. Temperature
LOAD CURRENT – mA
180
160
140
120
100
80
60
40
20
0
020
406080
VTCXO
VSIM
VMEM
TPC 5. Dropout Voltage
vs. Load Current
10mV/DIV
TIME
100 s/DIV
VBAT
VAN
VCORE
VIO
10mV/DIV
2mV/DIV
3.5V
3.3V
TPC 8. Line Transient Response,
Minimum Loads
VRTC – V
160
10
2.0
2.7
2.9
140
120
100
80
60
40
20
2.1 2.2 2.3 2.4 2.5 2.6
2.8
+85 C
+25 C
–20 C
TPC 3. RTC I/V Characteristic
3.5V
3.3V
TIME
100 s/DIV
10mV/DIV
VTCXO
VBAT
VMEM
10mV/DIV
TPC 6. Line Transient Response,
Minimum Loads
TIME
100 s/DIV
VIO
VAN
VCORE
VBAT
10mV/DIV
2mV/DIV
10mV/DIV
3.5V
3.3V
TPC 9. Line Transient Response,
Maximum Loads
—Typical Performance Characteristics (VBAT = 3.6 V, T
A = 25 C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com