Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 3 Page - Analog Devices

  ADP3510 Datasheet HTML 1Page - Analog Devices ADP3510 Datasheet HTML 2Page - Analog Devices ADP3510 Datasheet HTML 3Page - Analog Devices ADP3510 Datasheet HTML 4Page - Analog Devices ADP3510 Datasheet HTML 5Page - Analog Devices ADP3510 Datasheet HTML 6Page - Analog Devices ADP3510 Datasheet HTML 7Page - Analog Devices ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. 0
–3–
ADP3510
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ANALOG LDO (VAN)
Output Voltage
VAN
Line, Load, Temp
2.85
2.935 3.02
V
Line Regulation
DVAN
Minimum Load
1
mV
Load Regulation
DVAN
50
mA £ ILOAD £ 75 mA
6
mV
Output Capacitor Required for Stability
CO
2.2
mF
Dropout Voltage
VDO
VO = VINITIAL 100 mV
ILOAD = 75 mA
100
175
mV
Ripple Rejection
DVBAT/
f = 217 Hz (T = 4.6 ms)
75
dB
DVAN
VBAT = 3.6 V
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
80
mV rms
ILOAD = 75 mA
VBAT = 3.6 V
TCXO LDO (VTCXO)
Output Voltage
VTCXO
Line, Load, Temp
2.71
2.765 2.82
V
Line Regulation
DVTCXO
Minimum Load
1
mV
Load Regulation
DVTCXO
50
mA £ ILOAD £ 10 mA
3
mV
Output Capacitor Required for Stability
CO
0.47
mF
Dropout Voltage
VDO
VO = VINITIAL – 100 mV
175
mV
ILOAD = 10 mA
Ripple Rejection
DVBAT/
f = 217 Hz (T = 4.6 ms)
75
dB
DVTCXO
VBAT = 3.6 V
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
80
mV rms
ILOAD = 10 mA
VBAT = 3.6 V
REAL-TIME CLOCK LDO/
BATTERY CHARGER (VRTC)
Maximum Output Voltage
VRTC
1
mA £ ILOAD £ 6 mA2.77
2.85
2.93
V
Off Reverse Input Current
IL
2.0 V < VBAT < UVLO
1
mA
Dropout Voltage
VDO
VO = VINITIAL – 100 mV
175
mV
ILOAD = 10
mA
MEMORY LDO (VMEM)
Output Voltage
VMEM
Line, Load, Temp
2.85
2.935 3.02
V
Line Regulation
DVMEM
Minimum Load
1
mV
Load Regulation
DVMEM
50
mA £ ILOAD £ 60 mA
5
mV
Output Capacitor Required for Stability
CO
2.2
mF
Dropout Voltage
VDO
VO = VINITIAL – 100 mV
100
175
mV
ILOAD = 60 mA
REFOUT
Output Voltage
VREFOUT
Line, Load, Temp
1.19
1.210 1.23
V
Line Regulation
DVREFOUT Minimum Load
0.3
mV
Load Regulation
DVREFOUT 0 mA £ ILOAD £ 50 mA
0.6
mV
VBAT = 3.6 V
Ripple Rejection
DVBAT/
f = 217 Hz (T = 4.6 ms)
75
dB
DVREFOUT VBAT = 3.6 V
Maximum Capacitive Load
CO
100
pF
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
40
mV rms
RESET GENERATOR (RESET)
Output High Voltage
VOH
IOH = +500
mA
2.4
V
Output Low Voltage
VOL
IOL = –500
mA0.25
V
Output Current
IOL/IOH
1mA
Delay Time per Unit Capacitance
TD
0.8
1.5
4.0
ms/nF
Applied to RESCAP Pin
SEQUENCING
Delay Time per Unit Capacitance
TD
0.3
0.8
3.0
ms/nF
Applied to PDCAP Pin
PDCAP Charging Current
IOH
VPDCAP = 0
2.5
5
8
mA
VAN Discharge Resistance
200
W
VIO Discharge Resistance
200
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com