Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 2 Page - Analog Devices

  ADP3510 Datasheet HTML 1Page - Analog Devices ADP3510 Datasheet HTML 2Page - Analog Devices ADP3510 Datasheet HTML 3Page - Analog Devices ADP3510 Datasheet HTML 4Page - Analog Devices ADP3510 Datasheet HTML 5Page - Analog Devices ADP3510 Datasheet HTML 6Page - Analog Devices ADP3510 Datasheet HTML 7Page - Analog Devices ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SHUTDOWN SUPPLY CURRENT
ICC
VBAT
£ 2.5 V
VBAT = VBAT2 = 2.3 V
5
15
mA
(Deep Discharged Lockout Active)
2.5 V < VBAT
£ 3.2 V (UVLO Active)
VBAT = VBAT2 = 3.15 V
30
55
mA
VBAT >3.2 V
VBAT = VBAT2 = 4.0 V
45
60
mA
OPERATING GROUND CURRENT
IGND
All LDOs On Except TCXO
Minimum Loads
300
390
mA
All LDOs On
Minimum Loads
340
430
mA
All LDOs On
Maximum Loads
2.0
3.5
% of
Max Load
Current
UVLO ON THRESHOLD
VBAT
3.1
3.2
3.3
V
UVLO HYSTERESIS
VBAT
200
mV
DEEP DISCHARGED LOCKOUT
VBAT
2.0
2.4
2.75
V
ON THRESHOLD
DEEP DISCHARGED LOCKOUT
VBAT
100
mV
HYSTERESIS
INPUT HIGH VOLTAGE (PWRONIN,
VIH
2.0
V
TCXOEN, CHGEN, GATEIN)
INPUT LOW VOLTAGE (PWRONIN,
VIL
0.4
V
TCXOEN, CHGEN, GATEIN)
INPUT HIGH BIAS CURRENT
IIH
1.0
mA
(PWRONIN, TCXOEN,
CHGEN, GATEIN)
INPUT LOW BIAS CURRENT
IIL
–1.0
mA
(PWRONIN, TCXOEN,
CHGEN, GATEIN)
PWRONKEY INPUT HIGH VOLTAGE
VIH
0.7
VBAT
V
PWRONKEY INPUT LOW VOLTAGE
VIL
0.3
VBAT V
PWRONKEY INPUT PULLUP
RESISTANCE TO VBAT
70
105
145
k
W
THERMAL SHUTDOWN THRESHOLD
2
150
ºC
THERMAL SHUTDOWN HYSTERESIS
25
ºC
ROWX CHARACTERISTICS
ROWX Output Low Voltage
VOL
PWRONKEY = Low
0.4
V
IOL = 200
mA
ROWX Output High Leakage Current
IL
PWRONKEY = High
1
mA
V(ROWX) = 5 V
I/O LDO (VIO)
Output Voltage
VIO
Line, Load, Temp
2.85
2.935
3.02
V
Line Regulation
DVIO
Minimum Load
1
mV
Load Regulation
DVIO
50
mA £ ILOAD £ 25 mA
3
mV
Output Capacitor Required for Stability
CO
2.2
mF
Dropout Voltage
VDO
VO = VINITIAL – 100 mV
ILOAD = 25 mA
50
150
mV
DIGITAL CORE LDO (VCORE)
Output Voltage
VCORE
Line, Load, Temp
1.78
1.85
1.92
V
Line Regulation
DVCORE Minimum Load
1
mV
Load Regulation
DVCORE 50 mA £ ILOAD £ 120 mA
8
mV
Output Capacitor Required for Stability
CO
2.2
mF
ADP3510–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS1
(–20 C
TA
+85 C, VBAT = VBAT2 = 3.2 V–7.5 V, CVIO = CVCORE = CVAN = CVMEM = 2.2
F,
VTCXO = 0.47
F, CVBAT = 10
F, min. loads applied on all outputs, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com