Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3510 Datasheet HTML 7Page - Analog Devices ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices ADP3510 Datasheet HTML 10Page - Analog Devices ADP3510 Datasheet HTML 11Page - Analog Devices ADP3510 Datasheet HTML 12Page - Analog Devices ADP3510 Datasheet HTML 13Page - Analog Devices ADP3510 Datasheet HTML 14Page - Analog Devices ADP3510 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
REV. 0
ADP3510
–11–
AMBIENT TEMPERATURE – C
1.2
0.0
–20
100
0
20
40
60
80
1.0
0.8
0.6
0.4
0.2
Figure 4. Power Dissipation vs. Temperature
However, high battery voltages normally occur only when the battery
is being charged and the handset is not in conversation mode. In
this mode, there is a relatively light load on the LDOs. A fully
charged Li-Ion battery is 4.245 V, where the ADP3510 can deliver
the maximum power (0.52 W) up to 85
∞C ambient temperature.
Low Dropout Regulators (LDOs)
The ADP3510 high performance LDOs are optimized for their
given functions by balancing quiescent current, dropout voltage,
regulation, ripple rejection, and output noise. 2.2
mF tantalum or
MLCC ceramic capacitors are recommended for use with the core,
memory, IO, and analog LDOs. A 0.22
mF capacitor is recom-
mended for the TCXO LDO.
Digital Core LDO (VCORE)
The digital core LDO supplies the baseband circuitry in the
handset (baseband processor and baseband converter). The LDO
has been optimized for very low quiescent current at light loads
as this LDO is on at all times.
Memory LDO (VMEM)
The memory LDO supplies the memory of the baseband pro-
cessor. The memory LDO is capable of supplying 60 mA of
current and has also been optimized for low quiescent current
and will power up at the same time as the core LDO.
Analog LDO (VAN)
This LDO has the same features as the core LDO. It has further-
more been optimized for good low frequency ripple rejection for
use with the baseband converter sections in order to reject the
ripple coming from the RF power amplifier. VAN is rated to
75 mA load, which is sufficient to supply the complete analog
section of the baseband converter. The analog LDO is controlled
by the power-on delay block of the ADP3510.
TCXO LDO (VTCXO)
The TCXO LDO is intended as a supply for a temperature compen-
sated crystal oscillator, which needs its own ultralow noise supply.
VTCXO is rated for 10 mA of output current and is turned on
when TCXOEN is asserted.
RTC LDO (VRTC)
The RTC LDO charges up a rechargeable lithium type coin
cell to run the realtime clock module. It has been designed to
charge manganese lithium batteries such as the ML series
(ML614, ML621, or ML1220) from Sanyo. The ML621 has a
small physical size (6.8 mm diameter) and will give many hours
of backup time.
The ADP3510 supplies current both for charging the coin cell
and for the RTC module. The nominal charging voltage is 2.85 V,
which ensures long cell life while obtaining in excess of 90% of
the nominal capacity. In addition, it features a very low quies-
cent current since this LDO is running all the time, even when
the handset is switched off. It also has reverse current protection
with low leakage, which is needed when the main battery is
removed and the coin cell supplies the RTC module.
IO LDO (VIO)
The IO LDO generates the voltage needed for the peripheral
subsystems of the baseband processor, including GPIO, display,
and serial interfaces. It is rated for 25 mA of supply current and
is controlled by the power-on delay block of the ADP3510.
Reference Output (REFOUT)
The reference output is a low noise, high precision reference with
a guaranteed accuracy of 1.65% over temperature. The reference
can be used with the baseband converter, if the converter’s own
reference is not accurate. This may significantly reduce the calibra-
tion time needed for the baseband converter during production.
Power ON/OFF
The ADP3510 handles all issues regarding the powering ON and
OFF of the handset. It is possible to turn on the ADP3510 in
four different ways:
∑ Pulling the PWRONKEY Low
∑ Pulling PWRONIN High
∑ Pulling ALARM High
∑ CHRIN Exceeds CHRDET Threshold
Pulling the PWRONKEY low is the normal way of turning on the
handset. This will turn on all the LDOs, as long as the PWRONKEY
is held low. When the VIO LDO comes into regulation, the RESET
timer is started. After timing out, the RESET pin goes high, allowing
the baseband processor to start up. With the baseband processor
running, it can poll the ROWX pin of the ADP3510 to determine
if the PWRONKEY has been depressed and pull PWRONIN
high. Once the PWRONIN is taken high, the PWRONKEY can be
released. Note that by monitoring the ROWX pin, the baseband
processor can detect a second PWRONKEY press and turn the
LDOs off in an orderly manner. In this way, the PWRONKEY
can be used for ON/OFF control.
Pulling the ALARM pin high is how the alarm in the realtime
clock module will turn the handset on. Asserting ALARM will
turn the core, IO, memory, and analog LDOs on, starting up
the baseband processor.
Applying an external charger can also turn the handset on. This
will turn on all the LDOs, again starting up the baseband processor.
Note that if the battery voltage is below the undervoltage lockout
threshold, applying the adapter will not start up the LDOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com