Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 1 Page - Analog Devices

  ADP3510 Datasheet HTML 1Page - Analog Devices ADP3510 Datasheet HTML 2Page - Analog Devices ADP3510 Datasheet HTML 3Page - Analog Devices ADP3510 Datasheet HTML 4Page - Analog Devices ADP3510 Datasheet HTML 5Page - Analog Devices ADP3510 Datasheet HTML 6Page - Analog Devices ADP3510 Datasheet HTML 7Page - Analog Devices ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3510
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2002
CDMA Power Management System
FUNCTIONAL BLOCK DIAGRAM
TCXOEN
ADP3510
BATTERY
CHARGE
CONTROLLER
POWER-UP
SEQUENCING
AND
PROTECTION
LOGIC
DIGITAL
CORE LDO
VIO
LDO
TCXO
LDO
MEMORY
LDO
REF
BUFFER
BATTERY
VOLTAGE
DIVIDER
VBAT
VBAT2
PWRONKEY
ROWX
PWRONIN
ALARM
PDCAP
CHRDET
EOC
CHGEN
GATEIN
BATSNS
ISENSE
GATEDR
CHRIN
VTRC
VIO
VCORE
VTCXO
VMEM
VAN
REFOUT
RESET
MVBAT
DGND
AGND
RESCAP
ANALOG
LDO
RTC
FEATURES
Handles All CDMA Baseband Power Management
Six LDOs Optimized for Specific CDMA Subsystems
Li-Ion and NiMH Battery Charge Function
Ambient Temperature:
20 C to +85 C
TSSOP 28-Lead Package
Optimized for LSI Logic Baseband Chipset
APPLICATIONS
CDMA Handsets
GENERAL DESCRIPTION
The ADP3510 is a multifunction power system chip optimized for
CDMA handset power management. It contains six specialized
LDOs, one to power each of the critical CDMA subblocks.
Sophisticated controls are available for power-up during battery
charging, keypad interface, and RTC alarm. If a Li-Ion battery
is being charged, the charge circuit maintains low current
charging during the initial charge phase and provides an end of
charge (EOC) signal when the cell has been fully charged.
The ADP3510 is specified over the temperature range of –20
∞C to
+85
∞C and is available in a narrow body TSSOP 28-Lead package.


Similar Part No. - ADP3510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP3500 ETC-ADP3500 Datasheet
266Kb / 29P
CDMA Power Management System
ADP3500AST ETC-ADP3500AST Datasheet
266Kb / 29P
CDMA Power Management System
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
CDMA Power Management System
REV. PrP 2/6/02
ADP3502 AD-ADP3502 Datasheet
714Kb / 36P
CDMA Power Management System
REV.0
ADP3502ASU AD-ADP3502ASU Datasheet
714Kb / 36P
CDMA Power Management System
REV.0
More results

Similar Description - ADP3510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
GSM Power Management System
REV.0
logo
List of Unclassifed Man...
ADP3500 ETC-ADP3500 Datasheet
266Kb / 29P
CDMA Power Management System
logo
Analog Devices
ADP3502 AD-ADP3502 Datasheet
714Kb / 36P
CDMA Power Management System
REV.0
logo
National Semiconductor ...
LP3919 NSC-LP3919 Datasheet
58Kb / 2P
CDMA Power Management Unit
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
CDMA Cellular Phone Power Management IC
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
CDMA Power Management System
REV. PrP 2/6/02
ADP3502 AD-ADP3502_15 Datasheet
748Kb / 36P
CDMA Power Management System
REV. 0
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
Power Management System
logo
Texas Instruments
LP3919 TI1-LP3919 Datasheet
654Kb / 7P
CDMA Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com