Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3510 Datasheet HTML 6Page - Analog Devices ADP3510 Datasheet HTML 7Page - Analog Devices ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices ADP3510 Datasheet HTML 10Page - Analog Devices ADP3510 Datasheet HTML 11Page - Analog Devices ADP3510 Datasheet HTML 12Page - Analog Devices ADP3510 Datasheet HTML 13Page - Analog Devices ADP3510 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. 0
ADP3510
–10–
TEMPERATURE – C
4.25
–40
4.24
4.23
4.22
4.21
4.20
4.19
4.18
4.17
4.16
4.15
–20
0
20
40
60
80
100 120
VIN = 5.0V
ILOAD = 10mA
TPC 19. Charger VOUT vs. Temperature,
VIN = 5.0 V, ILOAD = 10mA
ILOAD – mA
4.22
0
4.21
4.20
4.19
4.18
200
400
600
800
1000
VIN = 5V
RSENSE = 250m
TPC 20. Charger VOUT vs. ILOAD
(VIN = 5.0 V)
INPUT VOLTAGE – V
4.210
5
4.205
4.200
4.195
4.190
67
89
10
RSENSE = 250m
ILOAD = 500mA
ILOAD = 10mA
TPC 21. Charger VOUT vs. VIN
THEORY OF OPERATION
The ADP3510 is a total solution power management chip for use
with CDMA baseband chipsets and is optimized for the CBP3.0/
4.0 type chipsets. Figure 1 shows a block diagram of the ADP3510.
The ADP3510 contains several blocks:
∑ Six Low Dropout Regulators (Input-Output, Core, Analog,
Crystal Oscillator, Memory, Realtime Clock)
∑ Reset Generator
∑ Buffered Precision Reference
∑ Lithium Ion Charge Controller and Processor Interface
∑ Power-On/-Off Logic
∑ Undervoltage Lockout
∑ Deep Discharge Lockout
These functions have traditionally been done either as a discrete
implementation or as a custom ASIC design. The ADP3510
combines the benefits of both worlds by providing an integrated
standard product where every block is optimized to operate in a
CDMA environment while maintaining a cost-competitive solution.
Figure 3 shows the external circuitry associated with the ADP3510.
Only a minimal number of support components are required.
Input Voltage
The input voltage range of the ADP3510 is 3.2 V to 7.5 V and is
optimized for a single Li-Ion cell or three NiMH cells. The thermal
impedance of the ADP3510 is 68
∞C/W for four layer boards. The
end of charge voltage for high capacity NiMH cells can be as high
as 5.5 V. Power dissipation should be calculated at maximum ambi-
ent temperatures and battery voltage in order not to exceed the 125
∞C
maximum allowable junction temperature. Figure 4 shows the maxi-
mum power dissipation as a function of ambient temperature.
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADP3510
ISENSE
DGND
GATEDR
GATEIN
CHRIN
CHRDET
MVBAT
PWRONIN
PWRONKEY
ROWX
ALARM
BATSNS
VRTC
PDCAP
EOC
CHGEN
RESCAP
RESET
VIO
VBAT2
VMEM
TCXOEN
AGND
REFOUT
VTCXO
VCORE
VBAT
VAN
PWRON
PWRONKEY
KEYPADROW
ALARM
VRTC
ADC
GPIO
GPIO
CHARGER IN
TCXOEN
VTCXO
VAN
REF
C3
1.0nF
R1
0.25
C2
10nF
C1
0.1 F
Q1
SI3441DY
D1
10BQ015
GPIO
GPIO
C5
0.1 F
C4
10 F
RESET
VCORE
VMEM
C8
2.2 F
C7
2.2 F
C6
2.2 F
R2 10
C9
2.2 F
C11
0.1 F
VIO
C10
0.22 F
Li
BATTERY
Figure 3. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com