Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 5 Page - Analog Devices

  ADP3510 Datasheet HTML 1Page - Analog Devices ADP3510 Datasheet HTML 2Page - Analog Devices ADP3510 Datasheet HTML 3Page - Analog Devices ADP3510 Datasheet HTML 4Page - Analog Devices ADP3510 Datasheet HTML 5Page - Analog Devices ADP3510 Datasheet HTML 6Page - Analog Devices ADP3510 Datasheet HTML 7Page - Analog Devices ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. 0
ADP3510
–5–
PIN CONFIGURATION
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ADP3510
ISENSE
DGND
GATEDR
GATEIN
CHRIN
CHRDET
MVBAT
PWRONIN
PWRONKEY
ROWX
ALARM
BATSNS
VRTC
PDCAP
EOC
CHGEN
RESCAP
RESET
VIO
VBAT2
VMEM
TCXOEN
AGND
REFOUT
VTCXO
VCORE
VBAT
VAN
TOP VIEW
(Not to Scale)
∑
ABSOLUTE MAXIMUM RATINGS
*
Voltage on any pin with respect to
any GND Pin . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +10 V
Voltage on any pin may not exceed VBAT, with the following
exceptions: CHRIN, GATEDR, ISENSE
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Operating Ambient Temperature Range . . . . –20
∞C to +85∞C
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
∞C
qJA, Thermal Impedance (TSSOP-28)
2-Layer PCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 98
∞C/W
4-Layer PCB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
∞C/W
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
∞C
*This is a stress rating only; operation beyond these limits can cause the device to
be permanently damaged.
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1PWRONIN
Power-On/-Off Signal from
Microprocessor
2
PWRONKEY
Power-On/-Off Key
3
ROWX
Power Key Interface Output
4
ALARM
Alternative Power-On
5
PDCAP
Power-On Delay Timer Capacitor
6
VRTC
VRTC LDO Output
7
BATSNS
Battery Voltage Sense Input
8
MVBAT
Divided Battery Voltage Output
9CHRDET
Charge Detect Output
10
CHRIN
Charger Input Voltage
11
GATEIN
Microprocessor Gate Input Signal
12
GATEDR
Gate Drive Output
13
DGND
Digital Ground
14
ISENSE
Charge Current Sense Input
15
EOC
End of Charge Signal
16
CHGEN
Charger Enable for GATEIN, NiMH
Pulse Charging
17
RESCAP
Reset Delay Time
18
RESET
Main Reset
19
VIO
I/O LDO Output
20
VBAT2
Battery Input Voltage 2
21
VMEM
Memory LDO Output
22
VCORE
Digital Core LDO Output
23
VBAT
Battery Input Voltage
24
VAN
Analog LDO Output
25
VTCXO
TCXO LDO Output
26
REFOUT
Output Reference
27
AGND
Analog Ground
28
TCXOEN
TCXO LDO Enable and MVBAT
Enable
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although the
ADP3510 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ORDERING GUIDE
Model
Temperature Range
Package Option
ADP3510ARU
–20
∞C to 85∞C
RU-28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com