Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP3510 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3510
Description  CDMA Power Management System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3510 Datasheet(HTML) 4 Page - Analog Devices

  ADP3510 Datasheet HTML 1Page - Analog Devices ADP3510 Datasheet HTML 2Page - Analog Devices ADP3510 Datasheet HTML 3Page - Analog Devices ADP3510 Datasheet HTML 4Page - Analog Devices ADP3510 Datasheet HTML 5Page - Analog Devices ADP3510 Datasheet HTML 6Page - Analog Devices ADP3510 Datasheet HTML 7Page - Analog Devices ADP3510 Datasheet HTML 8Page - Analog Devices ADP3510 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. 0
ADP3510
–4–
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
BATTERY VOLTAGE DIVIDER
Divider Ratio
BATSNS/MVBAT
TCXOEN = High
2.94
3.00
3.06
Divider Impedance at MVBAT
ZO
50
80
110
k
W
Divider Leakage Current
TCXOEN = Low
1
mA
Divider Resistance
TCXOEN = High
230
350
430
k
W
BATTERY CHARGER
Charger Output Voltage
BATSNS
4.5 V < CHRIN < 10 V,
4.158 4.200 4.242
V
CHGEN = Low,
TA = 0
∞C to 50∞C
Charger Output Voltage
BATSNS
CHRIN = 10 V, VSENSE = 10 mV, 4.162 4.200 4.238
V
TA = 0
∞C to 50∞C
Load Regulation
BATSNS
CHRIN = 5 V,
2
8
mV
0< CHRIN – ISENSE
< Current Limit Threshold,
CHGEN = Low
CHRDET on Threshold
CHRIN–VBAT
VBAT = 3.6 V
260
mV
CHRDET Hysteresis
70
mV
CHRDET Off Delay
3
CHRIN < VBAT
6
ms/nF
CHRIN Supply Current
CHRIN = 5 V
0.6
1
mA
Current Limit Threshold
CHRIN–ISENSE
High Current Limit
CHRIN = 5 V dc
150
172
195
mV
(100%: UVLO Not Active)
VBAT = 3.6 V
CHGEN = Low
Low Current Limit
CHRIN = 5 V
2
15
30
mV
(10%: UVLO Active)
VBAT = 2 V
CHGEN = Low
ISENSE Bias Current
CHRIN = 5 V
180
250
mA
End of Charge Signal Threshold
CHRIN–ISENSE
CHRIN = 5 V dc
2
12
26
mV
VBAT > 4.0 V
CHGEN = Low
End of Charge Reset Threshold
VBAT
CHGEN = Low
3.82
3.96
4.10
V
GATEDR Transition Time
tR, tF
CHRIN = 5 V
1
10
ms
VBAT > 3.6 V
CHGEN = High, CL =2 nF
GATEDR High Voltage
VOH
CHRIN = 5 V
4.5
V
VBAT = 3.6 V
CHGEN = High
GATEIN = High
IOH = –1 mA
GATEDR Low Voltage
VOL
CHRIN = 5 V
0.5
V
VBAT = 3.6 V
CHGEN = High
GATEIN = Low
IOL = +1 mA
Output High Voltage
VOH
IOH = –250
mA
2.4
V
(EOC, CHRDET)
Output Low Voltage
VOL
IOL = +250
mA
0.25
V
(EOC, CHRDET)
Battery Overvoltage
BATSNS
CHRIN = 7.5 V
5.30
5.50
5.70
V
Protection Threshold
CHGEN = High
(GATEDR
ÆHigh)
GATEIN = Low
Battery Overvoltage
BATSNS
CHRIN = 7.5 V
400
mV
Protection Hysteresis
CHGEN = High
GATEIN = Low
NOTES
1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods.
2 This feature is intended to protect against catastrophic failure of the device. Maximum allowed operating junction temperature is 125 C. Operation beyond 125 C could cause
permanent damage to the device.
3 Delay set by external capacitor on the RESCAP pin.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com