Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet (PDF) - Analog Devices

OP183 Datasheet PDF - Analog Devices
Part # OP183
Download  OP183 Download
File Size   415.84 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 MHz Single-Supply Operational Amplifiers

OP183 Datasheet (PDF)

Go To PDF Page Download Datasheet
OP183 Datasheet PDF - Analog Devices

Part # OP183
Download  OP183 Click to download

File Size   415.84 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5 MHz Single-Supply Operational Amplifiers

OP183 Datasheet (HTML) - Analog Devices


OP183 Product details

GENERAL DESCRIPTION
The OP183 is a single-supply, 5 MHz bandwidth amplifier with slew rates of 10 V/µs. The OP283 is a dual version. Both can operate from voltages as low as 3 volts and up to 36 volts. This combination of slew rate and bandwidth yields excellent single supply ac performance making them ideally suited for telecom and multimedia audio applications.
In addition to its ac characteristics, the OP183 family provides good dc performance with guaranteed 1 mV offset. Noise is a respectable 10 nV/√Hz. Supply current is only 1.2 mA per amplifier.
These amplifiers are well suited for single-supply applications that require moderate bandwidths even when used in high gain configurations. This makes them useful in filters and instrumentation. Their output drive capability and very wide full power bandwidth make them a good choice for multimedia headphone drivers or microphone input amplifiers.
The OP183 and OP283 are available in 8-pin plastic DIP and SO-8 surface mount packages. They are specified over the extended industrial (–40°C to +85°C) temperature range.

FEATURES
  Single-Supply – +3 Volts to +36 Volts
  Wide Bandwidth – 5 MHz
  Low Offset Voltage – <1 mV
  High Slew Rate – 10 V/ms
  Low Noise – 10 nV/√Hz
  Unity-Gain Stable
  Input and Output Range Includes GND
  No Phase Reversal
 
APPLICATIONS
  Multimedia
  Telecom
  ADC Buffers
  Wide Band Filters
  Microphone Preamplifiers




Similar Part No. - OP183

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP183 AD-OP183 Datasheet
339Kb / 16P
5 MHz Single-Supply Operational Amplifier
REV. D
OP183 AD-OP183 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
OP183 AD-OP183 Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
5/05-Rev. C to Rev. D
OP183GS AD-OP183GS Datasheet
339Kb / 16P
5 MHz Single-Supply Operational Amplifier
REV. D
OP183GS AD-OP183GS Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
5/05-Rev. C to Rev. D
More results


Similar Description - OP183

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Analog Devices
OP183 AD-OP183_05 Datasheet
339Kb / 16P
5 MHz Single-Supply Operational Amplifier
REV. D
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
Single Supply Operational Amplifiers
logo
ON Semiconductor
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP183 AD-OP183_15 Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
Rev. D
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
Single-Supply Operational Amplifiers
logo
Analog Devices
OP183 AD-OP183_V01 Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
5/05-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com