Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 5 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 5 Page - Analog Devices

  OP183 Datasheet HTML 1Page - Analog Devices OP183 Datasheet HTML 2Page - Analog Devices OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV.B
Typical Characteristics–OP183/OP283
80
0
20
10
40
30
50
60
70
+600
+400
+200
0
–200
–400
–600
INPUT OFFSET VOLTAGE – µV
VS = +5V
300X
OP AMPS
Figure 1. OP183 Input Offset Voltage
Distribution @ +5 V
160
0
40
20
80
60
100
120
140
+600
+400
+200
0
–200
–400
–600
INPUT OFFSET VOLTAGE – µV
VS = ±15V
590X
OP AMPS
Figure 4. OP283 Input Offset Voltage
Distribution @
±15 V
200
0
16
60
20
2
40
0
120
80
100
140
160
180
14
810
46
12
TCVOS – µV/°C
≤–40°C ≤ T
A ≤ +85°C
590X OP AMPS
PLASTIC PACKAGE
Figure 2. OP183 Input Offset Voltage
Distribution @
±15 V
Figure 3. OP283 Input Offset Voltage
Distribution @ +5 V
160
0
40
20
80
60
100
120
140
+600
+400
+200
0
–200
–400
–600
INPUT OFFSET VOLTAGE – µV
VS = +5V
590X
OP AMPS
Figure 5. OP183 Input Offset Voltage
Drift (TCV
OS) Distribution @ +5 V
Figure 6. OP183 Input Offset Voltage
Drift (TCV
OS) Distribution @ ±15 V
TCVOS – µV/°C
160
0
12
40
20
2
0
80
60
100
120
140
10
8
6
4
≤–40°C ≤ T
A ≤ +85°C
300X OP AMPS
PLASTIC PACKAGE
3
1
0
1k
10k
10M
1M
100k
2
FREQUENCY – Hz
ΩT
A = +25°C
RL = 2kΩ
VS = +3V
80
0
20
10
40
30
50
60
70
+600
+400
+200
0
–200
–400
–600
INPUT OFFSET VOLTAGE – µV
VS = ±15V
300X
OP AMPS
TCVOS – µV/°C
160
0
12
40
20
2
0
80
60
100
120
140
10
8
6
4
≤–40°C ≤ T
A ≤ +85°C
300X OP AMPS
PLASTIC PACKAGE
200
0
16
60
20
2
40
0
120
80
100
140
160
180
14
810
46
12
TCVOS – µV/°C
≤–40°C ≤ T
A ≤ +85°C
590X OP AMPS
PLASTIC PACKAGE
Figure 7. OP283 Input Offset Voltage
Drift (TCV
OS) Distribution @ +5 V
Figure 8. OP283 Input Offset Voltage
Drift (TCV
OS) Distribution @ ±15 V
Figure 9. OP183/OP283 Maximum
Output Swing vs. Frequency @ +3 V
–5–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com