Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 1 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 1 Page - Analog Devices

  OP183 Datasheet HTML 1Page - Analog Devices OP183 Datasheet HTML 2Page - Analog Devices OP183 Datasheet HTML 3Page - Analog Devices OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
OP183/OP283
REV. B
GENERAL DESCRIPTION
The OP183 is a single-supply, 5 MHz bandwidth amplifier with
slew rates of 10 V/
µs. The OP283 is a dual version. Both can
operate from voltages as low as 3 volts and up to 36 volts. This
combination of slew rate and bandwidth yields excellent single-
supply ac performance making them ideally suited for telecom and
multimedia audio applications.
In addition to its ac characteristics, the OP183 family provides
good dc performance with guaranteed 1 mV offset. Noise is a
respectable 10 nV/
√Hz. Supply current is only 1.2 mA per amplifier.
These amplifiers are well suited for single-supply applications that
require moderate bandwidths even when used in high gain configu-
rations. This makes them useful in filters and instrumentation.
Their output drive capability and very wide full power bandwidth
make them a good choice for multimedia headphone drivers or
microphone input amplifiers.
The OP183 and OP283 are available in 8-pin plastic DIP and SO-8
surface mount packages. They are specified over the extended
industrial (–40
°C to +85°C) temperature range.
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
a
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
5 MHz Single-Supply
Operational Amplifiers
PIN CONNECTIONS
FEATURES
Single-Supply – +3 Volts to +36 Volts
Wide Bandwidth – 5 MHz
Low Offset Voltage – <1 mV
High Slew Rate – 10 V/ s
Low Noise – 10 nV/
√Hz
Unity-Gain Stable
Input and Output Range Includes GND
No Phase Reversal
APPLICATIONS
Multimedia
Telecom
ADC Buffers
Wide Band Filters
Microphone Preamplifiers
8-Lead Narrow-Body SO
(S Suffix)
8-Lead Epoxy DIP
(P Suffix)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
OP183
NULL
–IN
+IN
V–
NC = NO CONNECT
NC
V+
OUT
NULL
1
2
3
4
8
7
6
5
OP183
8-Lead Narrow-Body SO
(S Suffix)
8-Lead Epoxy DIP
(P Suffix)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
OP283
OUTA
–INA
+INA
V–
V+
OUTB
–INB
+INB
1
2
3
4
8
7
6
5
OP283


Similar Part No. - OP183

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP183 AD-OP183 Datasheet
339Kb / 16P
5 MHz Single-Supply Operational Amplifier
REV. D
OP183 AD-OP183 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
OP183 AD-OP183 Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
5/05-Rev. C to Rev. D
OP183GS AD-OP183GS Datasheet
339Kb / 16P
5 MHz Single-Supply Operational Amplifier
REV. D
OP183GS AD-OP183GS Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
5/05-Rev. C to Rev. D
More results

Similar Description - OP183

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Analog Devices
OP183 AD-OP183_05 Datasheet
339Kb / 16P
5 MHz Single-Supply Operational Amplifier
REV. D
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
Single Supply Operational Amplifiers
logo
ON Semiconductor
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP183 AD-OP183_15 Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
Rev. D
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
Single-Supply Operational Amplifiers
logo
Analog Devices
OP183 AD-OP183_V01 Datasheet
348Kb / 16P
5 MHz Single-Supply Operational Amplifier
5/05-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com