Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 9 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices OP183 Datasheet HTML 10Page - Analog Devices OP183 Datasheet HTML 11Page - Analog Devices OP183 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV.B
OP183/OP283
APPLICATIONS
OP183 Offset Adjust
Figure 36 shows how the OP183’s offset voltage can be adjusted by
connecting a potentiometer between Pins 1 and 5, and connecting
the wiper to V
EE. The recommended value for the potentiometer is
10 k
Ω. This will give an adjustment range of approximately ±1 mV.
If larger adjustment span is desired, a 50 k
Ω potentiometer will
yield a range of
±2.5 mV.
Figure 37. Direct Access Arrangement
+5 Volt Only Stereo DAC for Multimedia
The OP283’s low noise and single supply capability are ideally
suited for stereo DAC audio reproduction or sound synthesis
applications such as multimedia systems. Figure 38 shows an 18-bit
stereo DAC output setup that is powered from a single +5 volt
supply. The low noise preserves the 18-bit dynamic range of the
AD1868. For DACs that operate on dual supplies, the OP283 can
also be powered from the same supplies.
Figure 38. +5 Volt Only 18-Bit Stereo DAC
Low Voltage Headphone Amplifiers
Figure 39 shows a stereo headphone output amplifier for the
AD1849 16-bit SoundPort® Stereo Codec device. The pseudo-
reference voltage is derived from the common-mode voltage
generated internally by the AD1849, thus providing a convenient
bias for the headphone output amplifiers.
1
7
6
5
4
3
2
VOS
VCC
VEE
OP183
Figure 36. OP183 Offset Adjust
Phase Reversal
The OP183 family is protected against phase reversal as long as
both of the inputs are within the range of the positive supply and
the negative supply minus 0.6 volts. However if there is a possibility
of either input going beyond these limits, then the inputs should be
protected with a series resistor to limit input current to 2 mA.
Direct Access Arrangement
The OP183/OP283 can be used in a single supply Direct Access
Arrangement (DAA) as is shown in Figure 37. This figure shows a
portion of a typical DAA capable of operating from a single +5 volt
supply and it should also work on +3 volt supplies with minor
modifications. Amplifiers A2 and A3 are configured so that the
transmit signal TXA is inverted by A2 and is not inverted by A3.
This arrangement drives the transformer differentially so that the
drive to the transformer is effectively doubled over a single amplifier
arrangement. This application takes advantage of the OP183/283’s
ability to drive capacitive loads, and to save power in single supply
applications.
Figure 39. Headphone Output Amplifier for Multimedia
Sound Codec
Ω20kΩ
Ω20kΩ
Ω3.3kΩ
Ω22.1kΩ
Ω20kΩ
Ω20kΩ
OP283
OP283
OP283
750pF
Ω475Ω
0.33µF
0.1µF
2.5VREF
0.0047µF
0.1µF
Ω20kΩ
Ω37.4kΩ
300pF
A1
A2
A3
RXA
TXA
SoundPort is a registered trademark of Analog Devices Inc.
1/2 OP283
+5V
1/2 OP283
Ω5kΩ
OPTIONAL
GAIN
Ω1kΩ
V
REF
1/2 OP283
+5V
V
REF
ΩOPTIONAL
GAIN
1k
Ω
Ω5kΩ
29
19
31
Ω10kΩ
10µF
LOUT1L
LOUT1R
CMOUT
AD1849
V
REF
10µF
Ω10kΩ
L VOLUME
CONTROL
R VOLUME
CONTROL
Ω16Ω
220µF
Ω47kΩ
HEADPHONE
LEFT
Ω16Ω
220µF
Ω47kΩ
HEADPHONE
RIGHT
Ω47kΩ
Ω47kΩ
8
1
4
3
2
1/2 OP283
Ω7.68k
Ω
Ω9.76kΩ
330pF
100pF
Ω7.68kΩ
7
5
6
1/2 OP283
Ω7.68kΩ
Ω9.76kΩ
330pF
100pF
Ω7.68kΩ
LEFT
CHANNEL
OUTPUT
RIGHT
CHANNEL
OUTPUT
220µF
220µF
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AD1868
VL
LL
DL
CK
DR
LR
DGND
VBR
VBL
VOL
AGND
VOR
VS
+5V SUPPLY
18-BIT
SERIAL
REG.
18-BIT
SERIAL
REG.
VREF
18-BIT
DAC
18-BIT
DAC
VREF
–9–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com