Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 12 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 12 Page - Analog Devices

Back Button OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices OP183 Datasheet HTML 10Page - Analog Devices OP183 Datasheet HTML 11Page - Analog Devices OP183 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. B
OP183/OP283
RO2
45
50
140
G7
45
99
(99,40)
7.14E-3
G8
50
45
(40,50)
7.14E-3
G9
98
60
(45,40)
7.14E-3
D7
60
61
DX
D8
62
60
DX
V7
61
98
DC 0
V8
98
62
DC 0
GSY
99
50
(99,50)5E-6
FSY
99
50
POLY(2) V7 V8 1.075E-3 1 1
D9
40
41
DX
D10
42
40
DX
V5
41
45
1.2
V6
45
42
1.5
*
* MODELS USED
*
.MODEL DX D
.MODEL DZ D(IS=1E-15 BV=7.0)
.MODEL QP PNP(BF=143)
.ENDS
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Lead Plastic DIP (N-8)
PIN 1
0.280 (7.11)
0.240 (6.10)
4
5
8
1
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.130
(3.30)
MIN
0.210
(5.33)
MAX
0.160 (4.06)
0.115 (2.93)
0.430 (10.92)
0.348 (8.84)
0.022 (0.558)
0.014 (0.356)
0.070 (1.77)
0.045 (1.15)
0.100
(2.54)
BSC
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
8-Lead Narrow-Body SO (SO-8)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.2440 (6.20)
0.2284 (5.80)
4
5
1
8
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
0.0098 (0.25)
0.0040 (0.10)
0.1968 (5.00)
0.1890 (4.80)
–12–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com