Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP183 Datasheet(PDF) 8 Page - Analog Devices

Part # OP183
Description  5 MHz Single-Supply Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP183 Datasheet(HTML) 8 Page - Analog Devices

Back Button OP183 Datasheet HTML 4Page - Analog Devices OP183 Datasheet HTML 5Page - Analog Devices OP183 Datasheet HTML 6Page - Analog Devices OP183 Datasheet HTML 7Page - Analog Devices OP183 Datasheet HTML 8Page - Analog Devices OP183 Datasheet HTML 9Page - Analog Devices OP183 Datasheet HTML 10Page - Analog Devices OP183 Datasheet HTML 11Page - Analog Devices OP183 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. B
OP183/OP283–Typical Characteristics
10
100
10k
1k
6.0
3.0
0
2.0
1.0
4.0
5.0
FREQUENCY – Hz
TA = +25°C
VS = ±15V
OR
VS = +3\+5V
Figure 30. Small Signal Overshoot
vs. Load Capacitance
100
50
0
100
1k
1M
100k
10k
60
70
80
90
10
20
30
40
FREQUENCY – Hz
TA = +25°C
VS = ±15V
AV = +10
AV = +1
Figure 29. Closed-Loop Output
Impedance vs. Frequency
Figure 32. Small Signal Performance
@
±15 V
Figure 31. Large Signal Performance
@
±15 V
Figure 33. 0.1 Hz to 10 Hz Noise
@
± 2.5 V
600
Ω
1k
Ω
2k
Ω
5k
Ω
10
Ω
NO LOAD
FREQUENCY – Hz
OP283
V
S = ±2.5V
A
V = +1
RF = 0
V
IN = 1VRM S
80kHz LOW PASS FILTER
Figure 35. THD + Noise vs. Frequency for Various Loads
Figure 34. 0.1 Hz to 10 Hz Noise
@
±15 V
80
0
300
20
10
100
0
40
30
50
60
70
200
CAPACITANCE – pF
NEGATIVE
EDGE
POSITIVE
EDGE
ΩT
A = +25°C
V S = ±15V
R L = 2kΩ
Figure 28. Current Noise Density
vs. Frequency
90
100
10
0%
5V
1
µS
90
100
10
0%
50mV
200nS
90
100
10
0%
1S
5mV
90
100
10
0%
1S
5mV
–8–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com